Electronic Components Datasheet Search
  English  ▼

X  

FXR.2020 Datasheet(PDF) 7 Page - Taoglas antenna solutions

Part # FXR.2020
Description  Square Form Factor Flexible Near Field Communications Antenna
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR.2020 Datasheet(HTML) 7 Page - Taoglas antenna solutions

Back Button FXR.2020 Datasheet HTML 3Page - Taoglas antenna solutions FXR.2020 Datasheet HTML 4Page - Taoglas antenna solutions FXR.2020 Datasheet HTML 5Page - Taoglas antenna solutions FXR.2020 Datasheet HTML 6Page - Taoglas antenna solutions FXR.2020 Datasheet HTML 7Page - Taoglas antenna solutions FXR.2020 Datasheet HTML 8Page - Taoglas antenna solutions FXR.2020 Datasheet HTML 9Page - Taoglas antenna solutions FXR.2020 Datasheet HTML 10Page - Taoglas antenna solutions FXR.2020 Datasheet HTML 11Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
SPE-22-8-124-C
www.taoglas.com
3.2
RFID Tags and POS Used for Test
A total of 5 NFC forum tags were used to measure the interrogation distances. The next picture shows
type 1, type 2, type 3, type 4 and type 5 tags, respectively.
Type 1 is based on ISO/IEC 14443A standard and has 96 bytes of memory.
Type 2 is based on ISO/IEC 14443A standard and has 144 bytes of memory.
Type 3 is based on ISO-18092, JIS-X-6319-4 Sony Felica standard and has 9k bytes of memory.
Type 4 is based on ISO / IEC 14443A 1-4 compliant and has 4K of memory
Type 5 is based on ISO-15693 specification, the communication with this NFC Forum Tag type is based on
NFC-V Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com