Electronic Components Datasheet Search
  English  ▼

X  

FXR.2525 Datasheet(PDF) 13 Page - Taoglas antenna solutions

Part # FXR.2525
Description  Square Form Factor Flexible Near Field Communications Antenna
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR.2525 Datasheet(HTML) 13 Page - Taoglas antenna solutions

Back Button FXR.2525 Datasheet HTML 7Page - Taoglas antenna solutions FXR.2525 Datasheet HTML 8Page - Taoglas antenna solutions FXR.2525 Datasheet HTML 9Page - Taoglas antenna solutions FXR.2525 Datasheet HTML 10Page - Taoglas antenna solutions FXR.2525 Datasheet HTML 11Page - Taoglas antenna solutions FXR.2525 Datasheet HTML 12Page - Taoglas antenna solutions FXR.2525 Datasheet HTML 13Page - Taoglas antenna solutions FXR.2525 Datasheet HTML 14Page - Taoglas antenna solutions FXR.2525 Datasheet HTML 15Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
SPE-22-8-123-A
www.taoglas.com
FXR.2525 Series
1 pcs / Small PE Bag
100pcs/ Grid of Honeycomb Board
Honeycomb Board 1 set
Carton(mm): 230(L)x175(W)x160(H)
Carton board 2 pcs
Carton Label
5.
Packaging
6.
Packaging5.
Mechanical Drawing
6.
Packaging
7.
Application Note6. Packaging5.
Mechanical
Drawing
6.
Packaging5.
Mechanical Drawing
6.
Packaging
7.
Application Note6. Packaging
7.
Application Note
7.
Application Note6. Packaging
7.
Application Note6. Packaging5.
Mechanical
Drawing
6.
Packaging5.
Mechanical Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com