Electronic Components Datasheet Search
  English  ▼

X  

B32620 Datasheet(PDF) 7 Page - EPCOS

Part # B32620
Description  Film Capacitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32620 Datasheet(HTML) 7 Page - EPCOS

Back Button B32620 Datasheet HTML 3Page - EPCOS B32620 Datasheet HTML 4Page - EPCOS B32620 Datasheet HTML 5Page - EPCOS B32620 Datasheet HTML 6Page - EPCOS B32620 Datasheet HTML 7Page - EPCOS B32620 Datasheet HTML 8Page - EPCOS B32620 Datasheet HTML 9Page - EPCOS B32620 Datasheet HTML 10Page - EPCOS B32620 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VR
VDC
VRMS
f
≤1 kHz
VAC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitances values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K=
±10%
J=
±5%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
000 = Straight terminals, Untaped (standard lead
length 6
1 mm)
630 400
2.2 4.0
× 7.0 × 13.0 B32621A6222+*** 4000
6800
4000
3.3 4.0
× 9.0 × 13.0 B32621A6332+*** 4000
6800
4000
4.7 4.0
× 9.0 × 13.0 B32621A6472+*** 4000
6800
4000
6.8 4.0
× 9.0 × 13.0 B32621A6682+*** 4000
6800
4000
10
4.0
× 9.0 × 13.0 B32621A6103+*** 4000
6800
4000
15
5.0
× 11.0 × 13.0 B32621A6153+*** 3320
5200
4000
22
6.0
× 12.0 × 13.0 B32621A6223+*** 2720
4400
4000
33
6.0
× 12.0 × 13.0 B32621A6333+*** 2720
4400
4000
1000 500
2.2 4.0
× 7.0 × 13.0 B32621A0222+*** 4000
6800
4000
3.3 4.0
× 9.0 × 13.0 B32621A0332+*** 4000
6800
4000
4.7 4.0
× 9.0 × 13.0 B32621A0472+*** 4000
6800
4000
6.8 5.0
× 11.0 × 13.0 B32621A0682+*** 3320
5200
4000
10
6.0
× 12.0 × 13.0 B32621A0103+*** 2720
4400
4000
B32621
High pulse (stacked)
Page7of30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com