Electronic Components Datasheet Search
  English  ▼

X  

B41851 Datasheet(PDF) 14 Page - EPCOS

Part # B41851
Description  Aluminum electrolytic capacitors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41851 Datasheet(HTML) 14 Page - EPCOS

Back Button B41851 Datasheet HTML 10Page - EPCOS B41851 Datasheet HTML 11Page - EPCOS B41851 Datasheet HTML 12Page - EPCOS B41851 Datasheet HTML 13Page - EPCOS B41851 Datasheet HTML 14Page - EPCOS B41851 Datasheet HTML 15Page - EPCOS B41851 Datasheet HTML 16Page - EPCOS B41851 Datasheet HTML 17Page - EPCOS B41851 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Technical data and ordering codes
B41851
CR
120 Hz
20
°C
µF
Case dimensions
d
× l
mm
ESRmax
120 Hz
20
°C
Ω
IAC,R
120 Hz
105
°C
mA
IAC,max
120 Hz
85
°C
mA
Ordering code
(composition see below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20 mm to 18 × 40 mm)
002 = for cut leads, bulk (from d
× l = 10 × 12.5 mm to 22 × 40 mm)
003 = for crimped leads, blister (from d
× l = 16 × 20 mm to 20 × 40 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
006 = for taped leads, Ammo pack, lead spacing F = 3.5 mm (for d = 8 mm)
007 = for taped leads, Ammo pack, lead spacing F = 2.5 mm (from d = 5 mm to 6.3 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 5 × 11 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (for d
× l = 16 × 20 ... 16 × 31.5 mm and
18
× 25 ... 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 100 V DC
0.1
5
× 11
1658
1.5
2.1
B41851A9104M***
0.22
5
× 11
754
3.4
4.8
B41851A9224M***
0.33
5
× 11
502
5.0
7.0
B41851A9334M***
0.47
5
× 11
353
7.1
10
B41851A9474M***
0.68
5
× 11
244
9.1
13
B41851A9684M***
1
5
× 11
166
15
21
B41851A9105M***
2.2
5
× 11
75
21
30
B41851A9225M***
3.3
5
× 11
50
29
41
B41851A9335M***
4.7
5
× 11
35
32
45
B41851A9475M***
10
6.3
× 11
17
53
74
B41851A9106M***
22
8
× 11.5
7.5
98
137
B41851B9226M***
33
8
× 11.5
5.0
125
175
B41851F9336M***
33
10
× 12.5
5.0
135
190
B41851A9336M***
47
10
× 12.5
3.5
160
225
B41851B9476M***
68
10
× 16
2.4
195
275
B41851A9686M***
100
10
× 20
1.7
245
345
B41851A9107M***
220
12.5
× 25
0.75
435
610
B41851A9227M***
330
16
× 25
0.50
560
785
B41851A9337M***
470
16
× 31.5
0.35
700
980
B41851A9477M***
680
18
× 40
0.24
770
1080
B41851F9687M***
1000
18
× 40
0.17
950
1330
B41851F9108M***
B41851
Standard series
105
°C
Page 13 of 36
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com