Electronic Components Datasheet Search
  English  ▼

X  

B25675C4162J715 Datasheet(PDF) 9 Page - EPCOS

Part # B25675C4162J715
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J715 Datasheet(HTML) 9 Page - EPCOS

Back Button B25675C4162J715 Datasheet HTML 5Page - EPCOS B25675C4162J715 Datasheet HTML 6Page - EPCOS B25675C4162J715 Datasheet HTML 7Page - EPCOS B25675C4162J715 Datasheet HTML 8Page - EPCOS B25675C4162J715 Datasheet HTML 9Page - EPCOS B25675C4162J715 Datasheet HTML 10Page - EPCOS B25675C4162J715 Datasheet HTML 11Page - EPCOS B25675C4162J715 Datasheet HTML 12Page - EPCOS B25675C4162J715 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 9 of 17
Important notes at the end of this document.
Ordering code
Series/type
Nominal
capacitance
CN
Nominal
voltage
VN
Output &
Nominal current
at 50 Hz
IN
Output &
Nominal current
at 60 Hz
IN
Dimensions
d × h
Weight
approx.
Terminal
type
PU*
pcs.
µF
V
kvar
A
kvar
A
mm
kg
Rated voltage 440 V AC, delta connection
B25675C4052J040 MKK440-D-5.0-04
3x 27.4
440
5.0
6.6 5
6.0
7.9 2
75 x 164
0.9
A
6
B25675C4062J040 MKK440-D-6.0-04
3x 32.9
440
6.0
7.9 5
7.2
9.4 2
75 x 164
0.9
A
6
B25675C4062J340 MKK440-D-6.3-04
3x 34.5
440
6.3
8.3 5
7.6
10.0 2 75 x 164
0.9
A
6
B25675C4072J040 MKK440-D-7.0-04
3x 38.4
440
7.0
9.2 5
8.4
11.0 2 75 x 200
1.1
A
6
B25675C4072J540 MKK440-D-7.5-04
3x 41.1
440
7.5
9.8 5
9.0
11.8 2 75 x 200
1.1
A
6
B25675C4082J040 MKK440-D-8.0-04
3x 43.8
440
8.0
10.5 5 9.6
12.6 2 75 x 200
1.1
A
6
B25675C4082J340 MKK440-D-8.3-04
3x 45.5
440
8.3
10.9 5 10.0
13.1 2 75 x 200
1.1
A
6
B25675C4092J040 MKK440-D-9.0-04
3x 49.3
440
9.0
11.8 5 10.8
14.2 2 75 x 200
1.1
A
6
B25675C4102J040 MKK440-D-10.0-04 3x 54.8
440
10.0
13.1 4 12.0
15.7 1 75 x 200
1.1
A
6
B25675C4102J440 MKK440-D-10.4-04 3x 57.0
440
10.4
13.6 4 12.5
16.4 1 85 x 200
1.3
A
9
B25675C4122J040 MKK440-D-12.0-04 3x 65.8
440
12.0
15.7 4 14.4
18.9 1 85 x 200
1.3
A
9
B25675C4122J540 MKK440-D-12.5-04 3x 68.5
440
12.5
16.4 4 15.0
19.7 1 85 x 200
1.3
A
9
B25675C4142J240 MKK440-D-14.2-04 3x 77.8
440
14.2
18.6 4 17.0
22.3 1 85 x 200
1.3
A
9
B25675C4152J040 MKK440-D-15.0-04 3x 82.2
440
15.0
19.7 3 18.0
23.6 1 85 x 218
1.5
A
4
B25675C4162J740 MKK440-D-16.7-04 3x 91.5
440
16.7
21.9 2 20.0
26.2 1 100 x 207
1.9
B
6
B25675C4182J840 MKK440-D-18.8-04 3x 103.0
440
18.8
24.7 2 22.6
29.7 1 100 x 207
1.9
B
6
B25675C4202J040 MKK440-D-20.0-04 3x 109.6
440
20.0
26.2 1 24.0
31.5 1 100 x 207
1.9
B
6
B25675C4252J040 MKK440-D-25.0-04 3x 137.0
440
25.0
32.8 1 30.0
39.4 1 116 x 192
2.4
B
4
B25675C4282J140 MKK440-D-28.1-04 3x 154.0
440
28.1
36.9 1 -
-
116 x 207
2.6
B
4
B25675C4302J040 MKK440-D-30.0-04 3x 164.4
440
30.0
39.4 1 -
-
125 x 192
2.8
B
4
B25675C4332J140 MKK440-D-33.1-04 3x 181.4
440
33.1
43.4 1 -
-
116 x 224
2.8
B
4
B25675C4402J040 MKK440-D-40.0-04 3x 219.2
440
40.0
52.5 1 48.0
63.0 1 136 x 217
3.7
F
4
B25675C4502J040 MKK440-D-50.0-04 3x 274.0
440
50.0
65.6 1 60.0
78.7 1 136 x 279
4.5
F
2
B25675C4562J040 MKK440-D-56.0-04 3x 306.9
440
56.0
73.5 1 -
-
136 x 312
5.0
F
2
B25675C4602J040 MKK440-D-60.0-04 3x 328.8
440
60.0
78.7 1 -
-
136 x 312
5.0
F
2
Rated voltage 480 V AC, delta connection
B25675C4052J080 MKK480-D-5.0-04
3x 23.0
480
5.0
6.0 5
6.0
7.2 2
75 x 164
0.9
A
6
B25675C4062J380 MKK480-D-6.3-04
3x 29.0
480
6.3
7.6 5
7.6
9.1 2
75 x 164
0.9
A
6
B25675C4072J580 MKK480-D-7.5-04
3x 34.5
480
7.5
9.0 5
9.0
10.8 2 75 x 200
1.1
A
6
B25675C4082J380 MKK480-D-8.3-04
3x 38.2
480
8.3
10.0 5 10.0
12.0 2 75 x 200
1.1
A
6
B25675C4102J480 MKK480-D-10.4-04 3x 47.9
480
10.4
12.5 5 12.5
15.0 2 75 x 200
1.1
A
6
B25675C4112J080 MKK480-D-11.0-04 3x 50.7
480
11.0
13.2 5 13.2
15.9 2 85 x 200
1.3
A
9
B25675C4122J580 MKK480-D-12.5-04 3x 57.6
480
12.5
15.0 4 15.0
18.0 1 85 x 200
1.3
A
9
B25675C4132J880 MKK480-D-13.8-04 3x 63.5
480
13.8
16.6 4 16.6
20.0 1 85 x 200
1.3
A
9
B25675C4152J080 MKK480-D-15.0-04 3x 69.1
480
15.0
18.0 3 18.0
21.7 1 100 x 207
1.9
B
6
B25675C4162J780 MKK480-D-16.7-04 3x 76.9
480
16.7
20.1 2 20.0
24.1 1 100 x 207
1.9
B
6
B25675C4202J080 MKK480-D-20.0-04 3x 92.1
480
20.0
24.1 2 24.0
28.9 1 100 x 207
1.9
B
6
B25675C4202J880 MKK480-D-20.8-04 3x 95.8
480
20.8
25.0 1 25.0
30.1 1 116 x 207
2.6
B
4
B25675C4222J080 MKK480-D-22.0-04 3x 101.3
480
22.0
26.5 1 26.4
31.8 1 116 x 207
2.6
B
4
B25675C4252J080 MKK480-D-25.0-04 3x 115.1
480
25.0
30.1 1 30.0
36.1 1 116 x 192
2.4
B
4
B25675C4282J180 MKK480-D-28.1-04 3x 129.4
480
28.1
33.8 1 -
-
116 x 207
2.6
B
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com