Electronic Components Datasheet Search
  English  ▼

X  

1590BX2F. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1590BX2F.
Description  Purchased assembly includes box, lid and 6 cover screws. Box and lid are made from Diecast Aluminum Alloy. Silicone Gasket supplied with liquid resistant enclosure.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590BX2F. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590BX2F. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TOP VIEW
SECTION A-A
END VIEW
INSIDE LID
SECTION B-B
SIDE VIEW
DETAIL C
Natural Finish Enclosure
1590BXF
Black Textured Enclosure
1590BXFBK
Natural Finish Enclosure
1590W BXF
Black Textured Enclosure
1590WBXFBK
Stainless Steel Cover Screws (Pkg 100)
[6-32 x 1/2" W ith O-Ring]
1590WMS100
Black Stainless Steel Cover Screw s (Pkg 100)
[6-32 x 1/2" W ith O-Ring]
1590WMS100BK
Plated Cover Screw s (Pkg 100)
[6-32 x 1/2"]
1590MS100
Black Cover Screw s (Pkg 100)
[6-32 x 1/2"]
1590MS100BK
1590BXF Enclosure
1590BXF Liquid Resistant Enclosure (Silicone Gasket)
Liquid Resistant Cover Screws
NOTE
Purchased assembly includes box, lid and 6 cover screws.
Box and lid are made from Diecast Aluminum Alloy.
Silicone Gasket supplied with liquid resistant enclosure.
Recommended Torque with Gasket : 25-30 cN.m [36-43 ozf.in]
Recommended Torque: 50-55 cN.m [71-78 ozf.in]
PART NUMBERS
Standard Cover Screws
ACCESSORIES
1590BXF
Dimensions:
mm
[inches]
www.hammondmfg.com
®
A
A
BB
C
246.00
[9.685]
62.00
[2.441]
244.50
[9.626]
60.50
[2.382]
4.12
[.162]
244.50
[9.626]
60.50
[2.382]
70.00
[2.756]
63.68
[2.507]
INSIDE
WIDTH
44.70
[1.760]
INSIDE
HEIGHT
4.00
[.157]
4X
247.68
[9.751]
INSIDE LENGTH
46.50
[1.831]
6.50
[.256]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
(Part number and text placement/orientation on our products are subject to change,
we do not recommend using them as a locating reference for modification purposes)
4.50
[.177]
2.00
[.079]
2.50
[.098]
3.80
[.150]
253.89
[9.996]
51.00
[2.008]
51.68
[2.035]
2.00
[.079]
249.50
[9.823]
65.50
[2.579]
42.00
[1.654]
115.25
[4.537]
53.50
[2.106]
5.62
[.221]
12.70
[.500]
4.00
[.157]
9.50
[.374]
50.00
[1.969]
111.75
[4.400]
6-32 UNC
 7.01
 4.00  3.00
273.00
[10.748]


Similar Part No. - 1590BX2F.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590BX2F HAMMOND-1590BX2F Datasheet
347Kb / 10P
Die-Cast Aluminum
1590BX2FBK HAMMOND-1590BX2FBK Datasheet
347Kb / 10P
Die-Cast Aluminum
1590BX2FL HAMMOND-1590BX2FL Datasheet
347Kb / 10P
Die-Cast Aluminum
1590BX2FLBK HAMMOND-1590BX2FLBK Datasheet
347Kb / 10P
Die-Cast Aluminum
More results

Similar Description - 1590BX2F.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590GBK HAMMOND-1590GBK Datasheet
137Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1590WP1BK HAMMOND-1590WP1BK Datasheet
121Kb / 1P
Purchased assembly includes box, lid and 4 cover screws. Box and lid are made from Diecast Aluminum Alloy (alloy type 360.1).
1590FBK HAMMOND-1590FBK Datasheet
133Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1551F HAMMOND-1551F Datasheet
297Kb / 1P
Purchased assembly includes lid and box made from GP ABS material
1551G HAMMOND-1551G Datasheet
295Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551M HAMMOND-1551M Datasheet
298Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551MFL HAMMOND-1551MFL Datasheet
299Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551N HAMMOND-1551N Datasheet
306Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551NFL HAMMOND-1551NFL Datasheet
296Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551QFL HAMMOND-1551QFL Datasheet
300Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com