Electronic Components Datasheet Search
  English  ▼

X  

1590WDDF Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1590WDDF
Description  Na tura l F inish Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590WDDF Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590WDDF Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N a tu ra l Finish En closu re
1590D D F
B lack T extu red En clo su re
1590D D F B K
N a tu ra l Finish En closu re
1590W D D F
B lack T extu red En clo su re
1590W D D F B K
S tain less S teel C o ve r S cre w s (P kg 100)
[6-32 x 1/2" W ith O -R in g ]
1590W M S 100
B la ck S ta in le ss S te e l C o ve r S cre w s (P kg 100)
[6-32 x 1/2" W ith O -R in g ]
1590W M S 100B K
P la te d C o ve r S cre w s (P kg 100)
[6-32 x 1/2"]
1590M S 100
B la ck C o ve r S cre w s (P kg 100)
[6-32 x 1/2"]
1590M S 100B K
AC CES S O R IES
R e co mme n d e d T o rq u e : 75 o z f.in / 55 cN .m
Stan d ard C o v e r Scre ws
L iq u id R e sistan t C o v e r S cre w s
NO T E
P urc has ed as s em bly inc ludes box , lid and 6 c over s c rew s .
B ox and lid are m ade from D iec as t A lum inum A lloy .
S ilic one G as k et s upplied w ith liquid res is tant enc los ure.
B ottom F lange is W elded.
P A RT NUM BE RS
1590D D F En clo su re
1590D D F L iq u id R e sista n t En clo su re (S ilico n e G a ske t)
1
1
2
2
A
A
B
B
A
A
B
B
1590DDF
Dimensions:
mm
[inches]
Top View of Assembly
SECTION B-B
Side View of Assembly
Lid
Top View Looking Inside Box
SECTION A-A
End View of Assembly
Flanged Box
4.00
[.157]
(Wall Thickness)
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
32.00
[1.260]
(Inner Box Height)
180.93
[7.123]
(Inner Box Length)
110.00
[4.331]
89.00
[3.504]
112.93
[4.446]
(Inner Box Width)
30.50
[1.201]
(Inner Wall Height)
120.00
[4.724]
216.65
[8.530]
188.00
[7.402]
38.50
[1.516]
1.50
[.059]
Lid
Lid
Box
82.30
[3.240]
183.00
[7.205]
115.00
[4.527]
103.33
[4.068]
6-32 UNC
 4.00  3.00
(Threaded Holes)
205.00
[8.071]
171.27
[6.743]
90.00
[3.543]
(Center Distance)
101.62
[4.001]
4.00
[.157]
9.50
[.374]
178.00
[7.008]
Cover Screw
179.24
[7.057]
111.24
[4.379]
1.38
[.054]
119.50
[4.705]
187.50
[7.382]
4.00
[.157]
1.90
[.075]
5.90
[.232]
Lid


Similar Part No. - 1590WDDF

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590WDDFL HAMMOND-1590WDDFL Datasheet
144Kb / 1P
Series 1590DD (Flanged Lid)
1590WDDFLBK HAMMOND-1590WDDFLBK Datasheet
144Kb / 1P
Series 1590DD (Flanged Lid)
More results

Similar Description - 1590WDDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA03F ETC-TA03F Datasheet
35Kb / 1P
TO-220, MOLDED, 3LEAD, AUTO L/F
logo
Axiomtek Co., Ltd.
AX93300 AXIOMTEK-AX93300 Datasheet
107Kb / 1P
Suitable for NA-100
logo
E-Tech Electronics LTD
G177 ETL-G177 Datasheet
156Kb / 5P
S i n g l e O u t p u t H a l l E f f e c t L a t c h I C
logo
Texas Instruments
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
75-nA Battery Leakage
logo
PHOENIX CONTACT
2702226 PHOENIX-2702226 Datasheet
116Kb / 7P
LED enclosure light - PLD E 608 W 315/F
logo
SHIKUES Electronics
SD101AW SKTECHNOLGY-SD101AW Datasheet
515Kb / 2P
L w F RWARD V ltage DR.p
logo
PHOENIX CONTACT
1319564 PHOENIX-1319564 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 F
Nov 16, 2022
logo
Molex Electronics Ltd.
2149201225 MOLEX-2149201225 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG RD F-F L=450 Sn
2019/12/30
2149201211 MOLEX-2149201211 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG BK F-F L=75 Sn
2019/12/30
2149201214 MOLEX-2149201214 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG BK F-F L=300 Sn
2019/12/30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com