Electronic Components Datasheet Search
  English  ▼

X  

1590WEE. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1590WEE.
Description  Unfinished
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590WEE. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590WEE. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Top View of Assembly
SECTION A-A
End View of Assembly
SECTION B-B
Side View of Assembly
Top View Looking Inside Box
Lid
Unfinishe d
1590E E
Black Te xture d P ow de r P a int
1590EEBK
Unfinishe d
1590W E E
Black Te xture d P ow de r P a int
1590W E E B K
Unfinishe d Cove r S cre w s (P kg 100)
[M 3.5 x 12m m , W ith O-Ring]
1550W M S 100
Bla ck Cove r S cre w s (P kg 100)
[M 3.5 x 12m m , W ith O-Ring]
1550W M S 100B K
Unfinishe d Cove r S cre w s (P kg 100)
[M 3.5 x 12mm]
1550M S 100
Bla ck Cove r S cre w s (P kg 100)
[M 3.5 x 12mm]
1550M S 100B K
ACCES S ORIES
R e comme nde d T orque : 75 oz f.in / 55 cN .m
Standard C ov e r Scre ws
Liquid R e sistant C ov e r Scre ws
NOTE
P urc has ed as s em bly inc ludes box , lid and 6 c over s c rews .
B ox and lid are m ade from Diec as t A lum inum A lloy .
S ilicone Gasket supplied with liquid resistant enclos ure.
P ART NUMBE RS
1590EE Enclosure
1590EE Liquid Re sista nt Enclosure (S ilicone Ga ske t)
A
A
B
B
1590EE
Dimensions:
mm
[inches]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
95.00
[3.74]
110.00
[4.33]
120.20
[4.73]
190.00
[7.48]
200.20
[7.88]
84.50
[3.33]
111.63
[4.39]
(Inner Box Width)
78.15
[3.08]
(Inner Wall Height)
80.00
[3.15]
(Inner Box Height)
191.63
[7.54]
(Inner Box Length)
2.25
[.09]
(Wall Thickness)
115.70
[4.56]
195.70
[7.70]
86.00
[3.39]
181.00
[7.13]
101.00
[3.98]
M3.5x0.6
(Threaded Hole)
111.27
[4.38]
191.27
[7.53]
200.20
[7.88]
120.20
[4.73]
5.60
[.22]
1.50
[.06]
1.43
[.06]
4.50
[.18]
Cover Screw
Lid
Box
Lid
Box
Lid


Similar Part No. - 1590WEE.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590WE HAMMOND-1590WE Datasheet
208Kb / 3P
WATERTIGHT WITH FLANGED LID
More results

Similar Description - 1590WEE.

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3306 POMONA-3306 Datasheet
25Kb / 1P
Shielded Aluminum Box Size F Unfinished
3316 POMONA-3316 Datasheet
25Kb / 1P
Extruded Aluminum Box Unfinished
logo
List of Unclassifed Man...
G104MF ETC2-G104MF Datasheet
127Kb / 2P
Diecast Box, Unfinished
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com