Electronic Components Datasheet Search
  English  ▼

X  

1590WB3BK. Datasheet(PDF) 4 Page - Hammond Manufacturing Ltd.

Part # 1590WB3BK.
Description  Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590WB3BK. Datasheet(HTML) 4 Page - Hammond Manufacturing Ltd.

  1590WB3BK. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1590WB3BK. Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1590WB3BK. Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1590WB3BK. Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1590WB3BK. Datasheet HTML 5Page - Hammond Manufacturing Ltd. 1590WB3BK. Datasheet HTML 6Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6/4/2018
Diecast Aluminum Enclosures (1590 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/diecast/1590
4/6
No Mounting Flanges
w/ Flanged Lid
w/ Flanged Bottom Plate
Height Optional
Standard
Water-Tight
Standard
Water-Tight
Standard
Water-Tight
(Less
Replacement
Version
Version
Version
Version
Version
Version
Color
Length Width
Lid)
Gasket Kit
1590B3PR
Purple
4.57
3.03
1.32
1590B3GASKET
1590B3RD
Red
4.57
3.03
1.32
1590B3GASKET
1590B3YL
Yellow
4.57
3.03
1.32
1590B3GASKET
1590BB
1590WBB
1590BBFL
1590WBBFL
1590BBF
1590WBBF
Natural
4.67
3.68
1.18
1590BBGASKET
1590BBBK
1590WBBBK
1590BBFLBK
1590WBBFLBK
1590BBFBK
1590WBBFBK
Black
4.67
3.68
1.18
1590BBGASKET
1590BBCB
Cobalt Blue
4.67
3.68
1.18
1590BBGASKET
1590BBGR
Green
4.67
3.68
1.18
1590BBGASKET
1590BBLG
Light Gray
4.67
3.68
1.18
1590BBGASKET
1590BBOR
Orange
4.67
3.68
1.18
1590BBGASKET
1590BBPR
Purple
4.67
3.68
1.18
1590BBGASKET
1590BBRD
Red
4.67
3.68
1.18
1590BBGASKET
1590BBYL
Yellow
4.67
3.68
1.18
1590BBGASKET
1590BB2
1590WBB2
1590BB2FL
1590WBB2FL
1590BB2F
1590WBB2F
Natural
4.70
3.70
1.33
1590BBGASKET
1590BB2BK 1590WBB2BK 1590BB2FLBK 1590WBB2FLBK 1590BB2FBK 1590WBB2FBK
Black
4.70
3.70
1.33
1590BBGASKET
1590BB2CB
Cobalt Blue
4.70
3.70
1.33
1590BBGASKET
1590BB2GR
Green
4.70
3.70
1.33
1590BBGASKET
1590BB2LG
Light Gray
4.70
3.70
1.33
1590BBGASKET
1590BB2OR
Orange
4.70
3.70
1.33
1590BBGASKET
1590BB2PR
Purple
4.70
3.70
1.33
1590BBGASKET
1590BB2RD
Red
4.70
3.70
1.33
1590BBGASKET
1590BB2YL
Yellow
4.70
3.70
1.33
1590BBGASKET
1590BBS
1590WBBS
1590BBSFL
1590WBBSFL
1590BBSF
1590WBBSF
Natural
4.70
3.70
1.50
1590BBGASKET
1590BBSBK 1590WBBSBK 1590BBSFLBK 1590WBBSFLBK 1590BBSFBK 1590WBBSFBK
Black
4.70
3.70
1.50
1590BBGASKET
1590BBSCB
Cobalt Blue
4.70
3.70
1.50
1590BBGASKET
1590BBSGR
Green
4.70
3.70
1.50
1590BBGASKET
1590BBSLG
Light Gray
4.70
3.70
1.50
1590BBGASKET
1590BBSOR
Orange
4.70
3.70
1.50
1590BBGASKET
1590BBSPR
Purple
4.70
3.70
1.50
1590BBGASKET
1590BBSRD
Red
4.70
3.70
1.50
1590BBGASKET
1590BBSYL
Yellow
4.70
3.70
1.50
1590BBGASKET
1590Q
1590WQ
1590QFL
1590WQFL
1590QF
1590WQF
Natural
4.70
4.70
1.10
1590QGASKET
1590QBK
1590WQBK
1590QFLBK
1590WQFLBK
1590QFBK
1590WQFBK
Black
4.70
4.70
1.10
1590QGASKET
1590U
1590WU
1590UFL
1590WUFL
1590UF
1590WUF
Natural
4.70
4.70
2.17
1590QGASKET
1590UBK
1590WUBK
1590UFLBK
1590WUFLBK
1590UFBK
1590WUFBK
Black
4.70
4.70
2.17
1590QGASKET
1590V
1590WV
1590VFL
1590WVFL
1590VF
1590WVF
Natural
4.70
4.70
3.54
1590QGASKET
1590VBK
1590WVBK
1590VFLBK
1590WVFLBK
1590VFBK
1590WVFBK
Black
4.70
4.70
3.54
1590QGASKET
1590C
1590WC
1590CFL
1590WCFL
1590CF
1590WCF
Natural
4.72
3.70
2.10
1590BBGASKET
1590CBK
1590WCBK
1590CFLBK
1590WCFLBK
1590CFBK
1590WCFBK
Black
4.72
3.70
2.10
1590BBGASKET
1590T
1590WT
1590TFL
1590WTFL
1590TF
1590WTF
Natural
4.74
3.13
2.17
1590TGASKET
1590TBK
1590WTBK
1590TFLBK
1590WTFLBK
1590TFBK
1590WTFBK
Black
4.74
3.13
2.17
1590TGASKET
1590CE
1590WCE
Natural
4.74
3.95
2.37
1590CEGASKET
1590CEBK
1590WCEBK
Black
4.74
3.95
2.37
1590CEGASKET
1590N
1590WN
1590NFL
1590WNFL
1590NF
1590WNF
Natural
4.75
2.61
1.42
1590NBK
1590WNBK
1590NFLBK
1590WNFLBK
1590NFBK
1590WNFBK
Black
4.75
2.61
1.42
1590PP
Natural
4.76
3.74
2.24
1590PPBK
Black
4.76
3.74
2.24
1590N1
1590WN1
1590N1FL
1590WN1FL
1590N1F
1590WN1F
Natural
4.77
2.60
1.39
1590NGASKET
1590N1BK
1590WN1BK
1590N1FLBK
1590WN1FLBK
1590N1FBK
1590WN1FBK
Black
4.77
2.60
1.39
1590NGASKET
1590KK
1590WKK
1590KKFL
1590WKKFL
1590KKF
1590WKKF
Natural
4.92
4.92
2.10
1590KGASKET
1590KKBK
1590WKKBK
1590KKFLBK
1590WKKFLBK
1590KKFBK
1590WKKFBK
Black
4.92
4.92
2.10
1590KGASKET
1590K
1590WK
1590KF
1590WKF
Natural
4.92
4.92
2.95
1590KGASKET
1590KBK
1590WKBK
1590KFBK
1590WKFBK
Black
4.92
4.92
2.95
1590KGASKET
1590J
1590WJ
1590JF
1590WJF
Natural
5.71
3.74
1.77
1590JGASKET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com