Electronic Components Datasheet Search
  English  ▼

X  

ADF4002 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4002
Description  Phase Detector/Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002 Datasheet(HTML) 5 Page - Analog Devices

  ADF4002 Datasheet HTML 1Page - Analog Devices ADF4002 Datasheet HTML 2Page - Analog Devices ADF4002 Datasheet HTML 3Page - Analog Devices ADF4002 Datasheet HTML 4Page - Analog Devices ADF4002 Datasheet HTML 5Page - Analog Devices ADF4002 Datasheet HTML 6Page - Analog Devices ADF4002 Datasheet HTML 7Page - Analog Devices ADF4002 Datasheet HTML 8Page - Analog Devices ADF4002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ADF4002
Data Sheet
Rev. D | Page 4 of 20
B Version1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
NOISE CHARACTERISTICS
Normalized Phase Noise Floor (PNSYNTH)6
−222
dBc/Hz
PLL loop bandwidth = 500 kHz, measured at 100 kHz offset
Normalized 1/f Noise (PN1_f)7
−119
dBc/Hz
10 kHz offset; normalized to 1 GHz
1
Operating temperature range (B version) is −40°C to +85°C.
2
AVDD = DVDD = 3 V.
3
AC coupling ensures AVDD/2 bias.
4
Guaranteed by design. Sample tested to ensure compliance.
5
TA = 25°C; AVDD = DVDD = 3 V; RFIN = 350 MHz. The current for any other setup (25°C, 3.0 V) in mA is given by 2.35 + 0.0046 (REFIN) + 0.0062 (RF), RF frequency and REFIN
frequency in MHz.
6
The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 logN (where N is the N divider value)
and 10 logFPFD. PNSYNTH = PNTOT – 10 logFPFD – 20 logN.
7
The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency, fRF,
and at a frequency offset, f, is given by PN = PN1_f + 10 log(10 kHz/f) + 20 log(fRF/1 GHz). All phase noise measurements were performed with the EV-ADF4002SD1Z and the
Agilent E5500 phase noise system. Both the normalized phase noise floor and flicker noise are modeled in ADIsimPLL.
TIMING CHARACTERISTICS
AVDD = DVDD = 3 V ± 10%, AVDD ≤ VP ≤ 5.5 V, AGND = DGND = CPGND = 0 V, RSET = 5.1 kΩ, dBm referred to 50 Ω, TA = TMAX to TMIN,
unless otherwise noted.1
Table 2.
Parameter
Limit (B Version)2
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLK setup time
t2
10
ns min
DATA to CLK hold time
t3
25
ns min
CLK high duration
t4
25
ns min
CLK low duration
t5
10
ns min
CLK to LE setup time
t6
20
ns min
LE pulse width
1
Guaranteed by design, but not production tested.
2
Operating temperature range (B version) is −40°C to +85°C.
Timing Diagram
CLK
DB22
DB2
DATA
LE
t1
LE
DB23 (MSB)
t2
DB1 (CONTROL
BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t3
t4
t6
t5
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com