Electronic Components Datasheet Search
  English  ▼

X  

ADF4159CCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4159CCPZ
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159CCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4159CCPZ Datasheet HTML 18Page - Analog Devices ADF4159CCPZ Datasheet HTML 19Page - Analog Devices ADF4159CCPZ Datasheet HTML 20Page - Analog Devices ADF4159CCPZ Datasheet HTML 21Page - Analog Devices ADF4159CCPZ Datasheet HTML 22Page - Analog Devices ADF4159CCPZ Datasheet HTML 23Page - Analog Devices ADF4159CCPZ Datasheet HTML 24Page - Analog Devices ADF4159CCPZ Datasheet HTML 25Page - Analog Devices ADF4159CCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Data Sheet
ADF4159
Rev. E | Page 21 of 36
CLOCK REGISTER (R4) MAP
When Bits DB[2:0] are set to 100, the on-chip clock register
(Register R4) is programmed (see Figure 29).
LE SEL
In some applications, it is necessary to synchronize the LE pin
with the reference signal. To do this, Bit DB31 must be set to 1.
Synchronization is done internally on the part.
Σ-Δ Modulator Mode
To completely disable the Σ-Δ modulator, set Bits DB[30:26] to
0b01110, which puts the ADF4159 into integer-N mode, and
the channel spacing becomes equal to the PFD frequency. Both
the 12-bit MSB fractional value (Register R0, DB[14:3]) and the
13-bit LSB fractional value (Register R1, DB[27:15]) must be set
to 0. After writing to Register 4, Register 3 must be written to twice,
to trigger a counter reset. (That is, write Register 3 with DB3 = 1,
then write Register 3 with DB3 = 0.)
All features driven by the Σ-Δ modulator are disabled, such as
ramping, PSK, FSK, and phase adjust.
Disabling the Σ-Δ modulator also removes the fixed +(fPFD/226)
offset on the VCO output.
For normal operation, set these bits to 0b00000.
Ramp Status
Bits DB[25:21] provide access to the following advanced
features (see Figure 29):
•
Readback to MUXOUT option: the synthesizer frequency
at the moment of interruption can be read back (see the
Interrupt Modes and Frequency Readback section).
•
Ramp complete to MUXOUT option: a logic high pulse
is output on the MUXOUT pin at the end of each ramp.
•
Charge pump up and charge pump down options: the
charge pump is forced to constantly output up or down
pulses, respectively.
When using the readback to MUXOUT or ramp complete
to MUXOUT option, the MUXOUT bits in Register R0
(Bits DB[30:27]) must be set to 1111.
Clock Divider Mode
Bits DB[20:19] are used to enable Ramp Divider mode or Fast
Lock Divider mode. If neither is being used, set these bits to 0b00.
12-Bit CLK2 Divider Value
Bits DB[18:7] program the clock divider (the CLK2 timer) when
the part operates in ramp mode (see the Timeout Interval section).
The CLK2 timer also determines how long the loop remains in
wideband mode when fast lock mode is used (see the Fast Lock
Mode section).
Clock Divider Select
When Bit DB6 is set to 0, CLK2 is used as the CLK2 value for a
standard ramp, such as sawtooth or triangular. When Bit DB6 is
set to 1, CLK2 is used as the CLK2 value for the second ramp of
the Fast Ramp or Dual Ramp functions. For more information,
see the Waveform Deviations and Timing section.
12-BIT CLK2 DIVIDER VALUE
RESERVED
Σ-Δ
MODULATOR MODE
CONTROL
BITS
LS1
S5
S4
S3
S2
S1
R2
R3
R4
R5
R1
R2
R3
R4
R5
R1
C2
C1
D12
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D12
D11
...
D2
D1
CLK2 DIVIDER VALUE
0
0
...
0
0
0
0
0
...
0
1
1
0
0
...
1
0
2
0
0
...
1
1
3
.
.
...
.
.
.
.
.
...
.
.
.
.
.
...
.
.
.
1
1
...
0
0
4092
1
1
...
0
1
4093
1
1
...
1
0
4094
1
1
...
1
1
4095
C2
C1
CLOCK DIVIDER MODE
0
0
CLOCK DIVIDER OFF
0
1
CS1
0
0
0
CLK
DIV
MODE
1
0
1
1
LS1
LE SEL
0
1
RAMP STATUS
0
NORMAL OPERATION
1
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
1
1
0
0
0
1
1
0
CS1
CLK DIV SEL
0
1
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7 DB6
DB5
DB4
DB3
DB2
DB1
DB0
C3(1) C2(0) C1(0)
READBACK TO MUXOUT
RAMP COMPLETE TO MUXOUT
CHARGE PUMP UP
CHARGE PUMP DOWN
S2
S3
S4
S5
S1
Σ-Δ MODULATOR MODE
0
NORMAL OPERATION
1
0
0
0
0
1
0
1
0
DISABLED WHEN FRAC = 0
FAST LOCK DIVIDER
RESERVED
RAMP DIVIDER
LE FROM PIN
LE SYNCH WITH REFIN
LOAD CLK DIV 1
LOAD CLK DIV 2
RAMP STATUS
Figure 29. Clock Register (R4) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com