Electronic Components Datasheet Search
  English  ▼

X  

AF0402 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # AF0402
Description  ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF0402 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button AF0402 Datasheet HTML 2Page - YAGEO Corporation AF0402 Datasheet HTML 3Page - YAGEO Corporation AF0402 Datasheet HTML 4Page - YAGEO Corporation AF0402 Datasheet HTML 5Page - YAGEO Corporation AF0402 Datasheet HTML 6Page - YAGEO Corporation AF0402 Datasheet HTML 7Page - YAGEO Corporation AF0402 Datasheet HTML 8Page - YAGEO Corporation AF0402 Datasheet HTML 9Page - YAGEO Corporation AF0402 Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar. 26, 2021 V.8
Product specification
9
10
SERIES
AF
0100 to 2512
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Biased Humidity
MIL-STD-202 method 103
1,000 hours; 85°C /85%R.H.,
10% of operating power.
Measurement at 24± 4 hours after test
conclusion.
0100: ± (5%+0.05Ω)
<50 mΩ for Jumper
Others:
1Ω ≤ R ≤ 1MΩ: ± (3%+0.05Ω)
1MΩ < R ≤ 10MΩ: ± (5%+0.05Ω)
<100 mΩ for Jumper
Solderability
- Resistance to
Soldering Heat
IEC 60115-1 4.18
MIL-STD-202 Method 215
Condition B, no pre-heat of samples
Lead-free solder, 260± 5°C, 10± 1 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
0100: ± (1.0%+0.05Ω)
Others:
± (0.5%+0.05Ω) for 0.5%, 1% tol.
± (1.0%+0.05Ω) for 5% tol.
<50 mΩ for Jumper
No visible damage
- Wetting
J-STD-002
Electrical test not required
Magnification 10X
SMD conditions:
Others:
(a) Method B, aging 4 hours at 155°C
dry heat, lead-free solder bath at 245°C
(b) Method B, dipping at 215°C for 3 seconds
0100:
1st step: Method B, aging 4 hours at 155°C dry
heat
2nd step: Lead free solder bath at 245°C
Well tinned (≥95% covered)
No visible damage
FOS
ASTM-B-809-95*
* Modified
Sulfur 750 hours, 105°C. unpowered
0100: ±(5.0%+0.05Ω)
Others: ± (4.0%+0.05Ω)
<100 mΩ for Jumper



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com