Electronic Components Datasheet Search
  English  ▼

X  

B57211P0 Datasheet(PDF) 3 Page - EPCOS

Part # B57211P0
Description  NTC thermistors for inrush current limiting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57211P0 Datasheet(HTML) 3 Page - EPCOS

  B57211P0 Datasheet HTML 1Page - EPCOS B57211P0 Datasheet HTML 2Page - EPCOS B57211P0 Datasheet HTML 3Page - EPCOS B57211P0 Datasheet HTML 4Page - EPCOS B57211P0 Datasheet HTML 5Page - EPCOS B57211P0 Datasheet HTML 6Page - EPCOS B57211P0 Datasheet HTML 7Page - EPCOS B57211P0 Datasheet HTML 8Page - EPCOS B57211P0 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NTC thermistors for inrush current limiting
B57211P0***M3*1
Inrush Current Limiters (ICLs)
P11/**/M3*1
PPD VAR PD
2021-04-22
Please read Cautions and warnings and
Page 3 of 14
Important notes at the end of this document.
Dimension drawings in mm
b
13.0 max.
mm
th
6.0 max.
mm
h
20.0 max.
mm
LL
25.0 min.2)
mm
LD
0.8 ±0.05
mm
LS
7.5 ±0.8
mm
1) Seating plane to IEC 60717
2) Effective Lead length acc. taping
spec. IEC 60286-2
Approx. weight: 1.2 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com