Electronic Components Datasheet Search
  English  ▼

X  

B57364S0 Datasheet(PDF) 4 Page - EPCOS

Part # B57364S0
Description  NTC thermistors for inrush current limiting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57364S0 Datasheet(HTML) 4 Page - EPCOS

  B57364S0 Datasheet HTML 1Page - EPCOS B57364S0 Datasheet HTML 2Page - EPCOS B57364S0 Datasheet HTML 3Page - EPCOS B57364S0 Datasheet HTML 4Page - EPCOS B57364S0 Datasheet HTML 5Page - EPCOS B57364S0 Datasheet HTML 6Page - EPCOS B57364S0 Datasheet HTML 7Page - EPCOS B57364S0 Datasheet HTML 8Page - EPCOS B57364S0 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NTC thermistors for inrush current limiting
B57364S0***M0**
Inrush Current Limiters (ICLs)
S364/**/M**
PPD VAR PD
2021-04-22
Please read Cautions and warnings and
Page 4 of 14
Important notes at the end of this document.
Electrical specification and ordering codes
Table 1
R25
Imax1
Ct1
Ct2
Rmin
Ordering code
(0...65 °C)
at 230 V AC
at 110 V AC
(at Imax, 25 °C)
Ω
A
μF
μF
Ω
1
16
1000
4000
0.021
B57364S0109M0**
2
12
1000
4000
0.036
B57364S0209M0**
2.5
11
1000
4000
0.044
B57364S0259M0**
4
9.5
1000
4000
0.059
B57364S0409M0**
5
8.5
1000
4000
0.073
B57364S0509M0**
10
7.5
1000
4000
0.098
B57364S0100M0**
16
4
1000
4000
0.268
B57364S0160M0**
30
6
1000
4000
0.167
B57364S0300M0**
40
5
1000
4000
0.230
B57364S0400M0**
50
4
1000
4000
0.333
B57364S0500M0**
120
3.5
1000
4000
0.427
B57364S0121M0**
Remark: Imax1 & Ct1 in table 1 are tested according to UL and IEC certificat.
**= Delivery mode
00=Bulk
51=Reel packing
54=Ammo packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com