Electronic Components Datasheet Search
  English  ▼

X  

B57703M Datasheet(PDF) 3 Page - EPCOS

Part # B57703M
Description  NTC thermistors for temperature measurement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57703M Datasheet(HTML) 3 Page - EPCOS

  B57703M Datasheet HTML 1Page - EPCOS B57703M Datasheet HTML 2Page - EPCOS B57703M Datasheet HTML 3Page - EPCOS B57703M Datasheet HTML 4Page - EPCOS B57703M Datasheet HTML 5Page - EPCOS B57703M Datasheet HTML 6Page - EPCOS B57703M Datasheet HTML 7Page - EPCOS B57703M Datasheet HTML 8Page - EPCOS B57703M Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical specification and ordering codes
R25
Ω
No. of R/T
characteristic
B25/100
K
Wire
length "l"
in mm
Wire
Ordering code
10 k
8016
3988
±1%
115
±10
AWG 26
B57703M0103A017
10 k
8016
3988
±1%
200
±10
AWG 26
B57703M0103A018
10 k
8016
3988
±1%
500
±10
AWG 26
B57703M0103A019
5 k
8016
3988
±1%
45
±3
AWG 30
B57703M0502G040
10 k
8016
3988
±1%
45
±3
AWG 30
B57703M0103G040
30 k
8018
3964
±1%
45
±3
AWG 30
B57703M0303G040
Note: AWG 26 (stranded, 7 x AWG 34), PTFE-insulated wire of silver-plated copper wire.
AWG 30, PTFE-insulated wire of silver-plated nickel wire.
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 125
°C
t: 1000 h
< 1%1)
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-78
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
< 1%1)
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature:
55
°C
Upper test temperature: 125
°C
Number of cycles: 10
< 0.5%1)
No visible
damage
Endurance
Pmax: 150 mW
t: 1000 h
< 1%1)
No visible
damage
Long-term stability
(empirical value)
Temperature: 70
°C
t: 10000 h
< 2%
No visible
damage
1) Exept: B57703M0103A017, B57703M0103A018, B57703M0103A019
∆R
25/R25 (typical) < 2%
Note
Contact of NTC thermistors with any liquids and solvents shall be prevented. It must be
ensured that no water enters the NTC thermistors (e.g. through plug terminals).
Avoid dewing and condensation unless thermistor is specified for these conditions.
Temperature measurement
B57703M
Probe assemblies
M703
Page 3 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com