Electronic Components Datasheet Search
  English  ▼

X  

S8TS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S8TS
Description  Switch Mode Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8TS Datasheet(HTML) 1 Page - Omron Electronics LLC

  S8TS Datasheet HTML 1Page - Omron Electronics LLC S8TS Datasheet HTML 2Page - Omron Electronics LLC S8TS Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Switch Mode Power Supply
S8TS
B-53
Switch Mode Power Supply
S8TS
Block-type Switch mode Power Supply That
Mounts to DIN-rail
• Power supply range of 60 to 240 W available with just one model
(24-V models).
• Easy creation of multi-power supply configurations with different
output power supplies connected together (24-V, 12-V, and 5-V
models).
• Improve power supply system reliability by creating N+1 redun-
dant systems (24-V and 12-V models).
• Approved by UL/CSA standards, EN60950 (IEC 950), and VDE
0160.
Model Number Structure
■ Model Number Legend
Ordering Information
■ Basic Block
■ Bus Line Connector
Note 1. One S8T-BUS01 Connector and one S8T-BUS02 Connector are included as accessories.
2. Bus Line Connectors are ordered separately if necessary.
3. Attached connectors: 2ESDPLM-05P (for output terminal) and 3ESDPLM-03P (for input terminal) made by DINKLE ENTERPRISE.
4. One package contains 10 S8T-BUS01 Connectors.
5. One package contains 10 S8T-BUS02 Connectors.
1
2
3
4
S8TS-
@@@@@@-@@
1. Capacity
2. Output Voltage
3. Structure
4. Bus Line Connectors
060: 60 W
030: 30 W
025: 25 W
24:
24 V
12:
12 V
05:
5 V
None: Screw terminals
F:
Connector
terminals
None: Basic Block only
E1:
S8T-BUS01 and
S8T-BUS02
included
Output voltage
Output current
Screw terminal type
Connector terminal type
(See note 3.)
With Bus Line
Connectors
(See note 1.)
Without Bus Line
Connectors
(See note 2.)
With Bus Line
Connectors
(See note 1.)
Without Bus Line
Connectors
(See note 2.)
24 V
2.5 A
S8TS-06024-E1
S8TS-06024
S8TS-06024F-E1
S8TS-06024F
12 V
2.5 A
S8TS-03012-E1
S8TS-03012
S8TS-03012F-E1
S8TS-03012F
5 V
5 A
---
S8TS-02505
---
S8TS-02505F
Type
Number of Connectors
Model number
AC line + DC line bus
(For parallel operation)
1 Connector
S8T-BUS01
10 Connectors (See note 4.)
S8T-BUS11
AC line bus
(For series operation or isolated operation)
1 Connector
S8T-BUS02
10 Connectors (See note 5.)
S8T-BUS12


Similar Part No. - S8TS

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
S8T26AF AMD-S8T26AF Datasheet
292Kb / 5P
Schottky Three-State Quad Bus Driver/Receiver
S8T28F AMD-S8T28F Datasheet
292Kb / 5P
Schottky Three-State Quad Bus Driver/Receiver
More results

Similar Description - S8TS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VM OMRON-S8VM Datasheet
5Mb / 37P
Switch Mode Power Supply
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60I CTC-CF6N60I Datasheet
790Kb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
Switch Mode Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com