Electronic Components Datasheet Search
  English  ▼

X  

B65671 Datasheet(PDF) 3 Page - EPCOS

Part # B65671
Description  Ferrites and accessories
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65671 Datasheet(HTML) 3 Page - EPCOS

  B65671 Datasheet HTML 1Page - EPCOS B65671 Datasheet HTML 2Page - EPCOS B65671 Datasheet HTML 3Page - EPCOS B65671 Datasheet HTML 4Page - EPCOS B65671 Datasheet HTML 5Page - EPCOS B65671 Datasheet HTML 6Page - EPCOS B65671 Datasheet HTML 7Page - EPCOS B65671 Datasheet HTML 8Page - EPCOS B65671 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 63093-2
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped (AL values/air gaps examples)
with
center hole
without
center hole
l/A
le
Ae
Amin
Ve
0.4
37.2
93
76.5
3460
0.37
40
108
87
4320
mm–1
mm
mm2
mm2
mm3
m21
23
g
Material
AL value
nH
s
approx.
mm
e
Ordering code 1)
-D with center hole
-T with threaded sleeve
K1
100
3%
0.90
32
B65671+0100A001
M33
100
3%
1.52
32
B65671+0100A033
160
3%
0.78
51
B65671+0160A033
N48
160
3%
0.80
51
B65671+0160A048
250
3%
0.40
80
B65671+0250A048
315
3%
0.34
100
B65671+0315A048
400
3%
0.24
127
B65671+0400A048
630
3%
0.15
201
B65671+0630A048
800
3%
0.11
255
B65671+0800A048
1000
5%
0.10
318
B65671D1000J048
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65671
Core
P 26
 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com