Electronic Components Datasheet Search
  English  ▼

X  

MP75 Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # MP75
Description  PXE SERIES Mobile Printer Cost-Effective Network and Electrical Functionality
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP75 Datasheet(HTML) 3 Page - PANDUIT CORP.

  MP75 Datasheet HTML 1Page - PANDUIT CORP. MP75 Datasheet HTML 2Page - PANDUIT CORP. MP75 Datasheet HTML 3Page - PANDUIT CORP. MP75 Datasheet HTML 4Page - PANDUIT CORP. MP75 Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Product Bulletin
Ordering Information
Non-Laminated Label Cassettes
• Fast-loading Label Cassette includes both label material and ribbon to make
changing labels easy
• Non-laminated adhesive labels for wire/cable identification
Nylon Cloth
(C1M)
-65°F to 275°F
(-54°C to 135°C)
Part Number
Part Description
Shrink
Ratio
Mil
Spec
Printer Compatibility
Ribbon
&
Material
Color
Width
Length
Min.
Cable O.D.
Max.
Cable O.D.
Wire/
Cable
Size
Range
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In. mm Ft. m
In. mm In. mm
H000X025H1M
MP Cassette, Continuous
Heat Shrink Tubing, Mil
Grade Polyolefin,
.25" W x 8' L, White
3:1
Y
Y
Y
Y
Y
Black on
White
0.27 6.8
8.2 2.5
0.06 1.4 0.16 4.1 22 - 18
AWG
1
5
H000X025H2M
MP Cassette, Continuous
Heat Shrink Tubing, Mil
Grade Polyolefin,
.25" W x 8' L, Yellow
Black on
Yellow
H000X034H1M
MP Cassette, Continuous
Heat Shrink Tubing, Mil
Grade Polyolefin,
.34" W x 8' L, White
Black on
White
0.37 9.3
0.07 1.9 0.22 5.7 18 - 12
AWG
H000X034H2M
MP Cassette, Continuous
Heat Shrink Tubing, Mil
Grade Polyolefin,
.34" W x 8' L, Yellow
Black on
Yellow
Representative offering only, visit www.panduit.com for complete listing of products.
Part Number
Part Description
Printer Compatibility
Print-On
Area
Color
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
Ft.
m
T050X000C1M-BK
MP Cassette, Continuous Tape, Nylon Cloth,
0.50" W x 19' L, Black on White
Y
N
Y
Y
Black on
White
0.465 11.82
19
6
1
5
T075X000C1M-BK
MP Cassette, Continuous Tape, Nylon Cloth,
0.75" W x 19' L, Black on White
0.702 17.82
MP75
PXE™ Series
Mobile Printer
Continuous Heat Shrink Labels
• Fast-loading Label Cassette includes both label material and ribbon to make
changing labels easy
• Non-adhesive flattened heat shrinkable polyolefin for wire/cable identification
Heat Shrinkable Polyolefin
3:1 Heat Shrink Ratio (H1, H2)
-40°F to 257°F
(-40°C to 125°C)
Representative offering only, visit www.panduit.com for complete listing of products.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com