Electronic Components Datasheet Search
  English  ▼

X  

KP24WSBL Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # KP24WSBL
Description  Keystone Shielded Solution – EMEA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

KP24WSBL Datasheet(HTML) 2 Page - PANDUIT CORP.

  KP24WSBL Datasheet HTML 1Page - PANDUIT CORP. KP24WSBL Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Keystone Shielded Solution
NFFY6X04BU-HED
STP28X1MBU
KJS6X88TC
KP24WSBL
KFPL86S2SWH
*For other colors and lengths, please visit www.panduit.com
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
NFFY6X04BU-HED
NetKey® Copper Cable, Cat. 6A, 4-Pair, 23 AWG, F/FTP,
EuroClass Cca-s1a-d1-a1, Blue, 500m/1640 ft.
1
18
STP28X*
Cat. 6A 28AWG shielded patch cord, CM/LSZH, Blue, 1 meter.
1
10
KJS6X88TC
Category 6A, RJ45, 10 Gb/s, 8-position, 8-wire keystone
shielded jack module.
1
50
KP24WSBL
Keystone 24-port modular all metal shielded patch panel with
built-in strain relief bar, Black, 1 RU.
1
10
KPS24BL
Keystone 24-port flat shielded panel without strain relief bar,
Black, 1 RU.
1
10
KPA24WSBL
Keystone 24-port angled panel with strain relief bar, Black, 1 RU.
1
10
KPA48WSBL
Keystone 48-port angled panel with strain relief bar, Black, 2 RU.
1
10
KP24APWSBL
Keystone shielded 24-port, modular flat mount all metal patch
panel with angled jack ports and strain relief bar.
1
10
KFPL86S2SWH
Keystone 86mm x 86mm faceplate frame with two
25mm x 50mm sloped shuttered insert. Accepts two Keystone
modules, includes labels and label covers, White.
1
10
© 2021 Panduit Corp. ALL RIGHTS RESERVED. COSG24--SA-UKE REPLACES COSG21--SA-UKE 1/2021
Panduit CBC London
6 Broad Street Place
London
EC2M 7JH
UK
phone +44 (0) 208 601 7200
EMEA-CustomerServices@panduit.com
www.panduit.com
KPA24WSBL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com