Electronic Components Datasheet Search
  English  ▼

X  

NKFLCSMWH Datasheet(PDF) 19 Page - PANDUIT CORP.

Part # NKFLCSMWH
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NKFLCSMWH Datasheet(HTML) 19 Page - PANDUIT CORP.

Back Button NKFLCSMWH Datasheet HTML 12Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 13Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 14Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 15Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 16Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 17Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 18Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 19Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 20Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
visit www.panduit.com/NetKey
Racks and Cable Management
• Cable management products and accessories maintain bend radius control and cable performance while bundling and securing cable
to prevent snags and stress from over bending
For complete cable management and grounding/bonding offering, reference the Panduit Physical
Infrastructure Systems Catalog (SA-NCCB51) or visit www.panduit.com.
WMPV45E
WMPSE
WMP1E
R2P
CMPH1
CMPH2
CMPHF1
SRM19FM1
SRM19FM2
RGS134-1Y
RGCBNJ660P22
GPQC10-1/0
Part
Number
Description
R2P
19” EIA rack, aluminum. 84.0”H x 20.3”W x 3.0”D
(2134mm x 514mm x 76mm), 45 RU.
WMPV45E
NetRunner ™ front and rear vertical cable manager with dual hinged cover,
wire retainers and side mount brackets, 45 RU.
WMPSE
PatchLink ™ front and rear horizontal cable manager with dual hinged cover, 1 RU.
WMP1E
PatchLink ™ front and rear horizontal cable manager with dual hinged cover, 2 RU.
CMPH1
OpenAccess ™ front and rear horizontal cable manager with optional
snap on cover, 1 RU.
CMPH2
OpenAccess ™ front and rear horizontal cable manager with optional
snap on cover, 2 RU.
CMPHF1
OpenAccess ™ front only horizontal cable manager with optional
snap on cover, 1 RU.
SRM19FM1
Rack mount shelf, 30 lb. capacity, 1 RU.
SRM19FM2
Rack mount shelf, 50 lb. capacity, 2 RU.
RGS134-1Y
Rack grounding strip 78.65”L x 0.67”W x 0.05”D (2mm x 17mm x 1.27mm).
Provided with 5cc of antioxidant, one grounding sticker, and three each
M6 x 12mm and #12-24 x 1/2” thread-forming screws.
GPQC10-1/0
Access floor grounding clamp for 7/8" square, 1" round, and 1-1/8"
round pedestals.
RGCNJ660P22
Common bonding network to rack jumper kit. Provided with HTAP that bonds
to MCBN sizes ranging from 16mm2 - 25mm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com