Electronic Components Datasheet Search
  English  ▼

X  

115 Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part # 115
Description  8-channel analog multiplexer/demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

115 Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button 115 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 21Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
74HC_HCT4051
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 8 — 5 February 2016
17 of 31
NXP Semiconductors
74HC4051; 74HCT4051
8-channel analog multiplexer/demultiplexer
toff
turn-off time
E to Vos; RL =1 k; see Figure 14
[3]
VCC = 4.5 V; VEE = 0 V
-
19
45
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
16
-
ns
VCC = 4.5 V; VEE = 4.5 V
-
16
32
ns
Sn to Vos; RL =1 k; see Figure 14
[3]
VCC = 4.5 V; VEE = 0 V
-
23
45
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
20
-
ns
VCC = 4.5 V; VEE = 4.5 V
-
16
32
ns
CPD
power dissipation
capacitance
per switch; VI = GND to VCC  1.5 V
[4]
-25
-
pF
Tamb = 40 Cto+85 C
tpd
propagation delay Vis to Vos; RL = ; see Figure 13
[1]
VCC = 4.5 V; VEE =0 V
-
-
15
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
10
ns
ton
turn-on time
E to Vos; RL =1 k; see Figure 14
[2]
VCC = 4.5 V; VEE =0 V
-
-
69
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
49
ns
Sn to Vos; RL =1 k; see Figure 14
[2]
VCC = 4.5 V; VEE =0 V
-
-
69
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
49
ns
toff
turn-off time
E to Vos; RL =1 k; see Figure 14
[3]
VCC = 4.5 V; VEE =0 V
-
-
56
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
40
ns
Sn to Vos; RL =1 k; see Figure 14
[3]
VCC = 4.5 V; VEE =0 V
-
-
56
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
40
ns
Tamb = 40 C to +125 C
tpd
propagation delay Vis to Vos; RL = ; see Figure 13
[1]
VCC = 4.5 V; VEE =0 V
-
-
18
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
12
ns
ton
turn-on time
E to Vos; RL =1 k; see Figure 14
[2]
VCC = 4.5 V; VEE =0 V
-
-
83
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
59
ns
Sn to Vos; RL =1 k; see Figure 14
[2]
VCC = 4.5 V; VEE =0 V
-
-
83
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
59
ns
Table 10.
Dynamic characteristics for 74HCT4051 …continued
GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com