Electronic Components Datasheet Search
  English  ▼

X  

74HCS04 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HCS04
Description  Hex inverter with Schmitt-trigger inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS04 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HCS04 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCS04 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCS04 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCS04 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCS04 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS04 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS04 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS04 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS04 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Nexperia
74HCS04
Hex inverter with Schmitt-trigger inputs
6. Pinning information
6.1. Pinning
D package
SOT108-1 (SO14)
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
aaa-035254
1
2
3
4
5
6
7
8
10
9
12
11
14
13
PW package
SOT402-1 (TSSOP14)
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
aaa-035255
1
2
3
4
5
6
7
8
10
9
12
11
14
13
aaa-035256
BQ package
SOT762-1 (DHVQFN14)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
GND(1)
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
(1) This is not a ground pin. There is no electrical or mechanical requirement to solder
the pad. In case soldered, the solder land should remain floating or connected to GND.
6.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1A, 2A, 3A, 4A, 5A, 6A
1, 3, 5, 9, 11, 13
data input
1Y, 2Y, 3Y, 4Y, 5Y, 6Y
2, 4, 6, 8, 10, 12
data output
GND
7
ground (0 V)
VCC
14
supply voltage
74HCS04
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 24 June 2025
3 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com