Electronic Components Datasheet Search
  English  ▼

X  

KS12 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KS12
Description  MULTICRYSTAL PHOTOVOLTAIC MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KS12 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KS12 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model KS12
KS12
MULTICRYSTAL
PHOTOVOLTAIC
MODULE
TYPICAL OUTPUT 12 Wp
HIGHLIGHTS OF KYOCERA PHOTOVOLTAIC MODULES
Kyocera´s advanced cell processing technology and automated production facilities have produced a highly
efficient multicrystal photovoltaic module.
These cells are encapsulated between a tempered glass cover and an EVA pottant with PVF back sheet to
provide maximum protection from the severest environmental conditions.
The entire laminate is installed in an anodized aluminium frame to provide structural strength and ease of
installation.
APPLICATIONS
Microwave / radio repeater stations
Pumping systems for irrigation, rural
Electrification of villages in remote areas
water supplies and livestock watering
Medical facilities in rural areas
Aviation obstruction lights
Power source for summer vacation homes
Cathodic protection systems
Emergency communication systems
Desalination systems
Water quality and environmental data monitoring
Recreational vehicles
systems
Railroad signals
Navigation lighthouses, and ocean buoys
Sailboat charging systems
SPECIFICATIONS
Electrical Specifications
Physical Specifications
Maximum Power
12 Watts
Length
340 mm
Maximum Power Voltage
16.9 Volts
Width
352 mm
Maximum Power Current
0.71 Amps
Depth
22 mm
Open Circuit Voltage
21.5 Volts
Weight
2.2 kg
Short-Circuit Current
0.73 Amps
Note: The electrical specifications are under test conditions of Irradiance of
1 kW/m2, Spectrum of 1.5 air mass and cell temperature of 25ºC
SOLARTEC S.A.
Méjico 2145 – 1640 Martínez
Buenos Aires – Argentina
Tel: 54-11-4836-1040
Fax: 54-11-4836-0808/1381
info@solartec.com.ar
www.solartec.com.ar
The contents of this catalogue are subject to change without prior notice for further improvement.


Similar Part No. - KS12

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KS12 KEXIN-KS12 Datasheet
39Kb / 1P
Schottky Rectifiers
logo
ITT Industries
KS12R21CBD ITT-KS12R21CBD Datasheet
182Kb / 3P
Single Pole Key Switches
KS12R21CBE ITT-KS12R21CBE Datasheet
182Kb / 3P
Single Pole Key Switches
KS12R21CGD ITT-KS12R21CGD Datasheet
182Kb / 3P
Single Pole Key Switches
KS12R21CGE ITT-KS12R21CGE Datasheet
182Kb / 3P
Single Pole Key Switches
More results

Similar Description - KS12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP365 ETC1-BP365 Datasheet
265Kb / 2P
65 Watt Photovoltaic Module
MSX60 ETC2-MSX60 Datasheet
117Kb / 4P
60-Watt Multicrystalline Photovoltaic Module
logo
Kyocera Kinseki Corpota...
KS20 KSS-KS20 Datasheet
151Kb / 1P
MULTICRYSTAL PHOTOVOLTAIC MODULE
KC80 KSS-KC80 Datasheet
398Kb / 2P
HIGH EFFICIENCY MULTICRYSTAL PHOTOVOLTAIC MODULE
KC70 KSS-KC70 Datasheet
262Kb / 2P
HIGH EFFICIENCY MULTICRYSTAL PHOTOVOLTAIC MODULE
logo
G24 Innovations
INDY2050 G24I-INDY2050 Datasheet
992Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY2100 G24I-INDY2100 Datasheet
1Mb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY3050 G24I-INDY3050 Datasheet
984Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY3200 G24I-INDY3200 Datasheet
984Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
logo
List of Unclassifed Man...
PX72-260 ETC2-PX72-260 Datasheet
563Kb / 2P
PHOTOVOLTAIC MODULE PX72
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com