Electronic Components Datasheet Search
  English  ▼

X  

653 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 653
Description  8-channel analog multiplexer/demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 653 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
74HC_HCT4051
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 8 — 5 February 2016
8 of 31
NXP Semiconductors
74HC4051; 74HCT4051
8-channel analog multiplexer/demultiplexer
[1]
When supply voltages (VCC  VEE) near 2.0 V the analog switch ON resistance becomes extremely non-linear. When using a supply of
2 V, it is recommended to use these devices only for transmitting digital signals.
RON(rail)
ON resistance (rail)
Vis =VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1]
--
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A
-
-
175
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A
-
-
150
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A
-
-
130
Vis =VCC
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1]
--
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A
-
-
200
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A
-
-
175
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A
-
-
150
Tamb = 40 C to +125 C
RON(peak) ON resistance (peak)
Vis =VCC to VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1]
--
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A
-
-
270
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A
-
-
240
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A
-
-
195
RON(rail)
ON resistance (rail)
Vis =VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1]
--
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A
-
-
210
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A
-
-
180
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A
-
-
160
Vis =VCC
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1]
--
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A
-
-
240
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A
-
-
210
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A
-
-
180
Table 6.
RON resistance per switch for 74HC4051 and 74HCT4051 …continued
VI = VIH or VIL; for test circuit see Figure 9.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
For 74HC4051: VCC  GND or VCC  VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
For 74HCT4051: VCC  GND = 4.5 V and 5.5 V, VCC  VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com