Electronic Components Datasheet Search
  English  ▼

X  

74HCS08D Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HCS08D
Description  Quad 2-input AND gate with Schmitt-trigger inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS08D Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HCS08D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
74HCS08
Quad 2-input AND gate with Schmitt-trigger inputs
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Input
Output
nA
nB
nY
L
L
L
L
H
L
H
L
L
H
H
H
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+7
V
IIK
input clamping current
VI < -0.5 V or VI > VCC + 0.5 V
[1]
-
±20
mA
IOK
output clamping current
VO < -0.5 V or VO > VCC + 0.5 V
[1]
-
±20
mA
IO
output current
VO = 0 V to VCC
-
±35
mA
ICC
supply current
-
70
mA
IGND
ground current
-70
-
mA
Tj
junction temperature
[2]
-
+150
°C
Tstg
storage temperature
-65
+150
°C
HBM ANSI/ESDA/JEDEC JS-001 class 3A
exceeds 4000 V
-
±4000
V
VESD
electrostatic discharge
CDM ANSI/ESDA/JEDEC JS-002 class C3
exceeds 1500 V
-
±1500
V
Ptot
total power dissipation
[3]
-
500
mW
[1] The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] Guaranteed by design.
[3] For SOT108-1 (SO14) package: Ptot derates linearly with 10.1 mW/K above 100 °C.
For SOT402-1 (TSSOP14) package: Ptot derates linearly with 7.3 mW/K above 81 °C.
For SOT762-1 (DHVQFN14) package: Ptot derates linearly with 9.6 mW/K above 98 °C.
8. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
-40
+25
+125
°C
74HCS08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 24 June 2025
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com