Electronic Components Datasheet Search
  English  ▼

X  

74HCS08PW Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74HCS08PW
Description  Quad 2-input AND gate with Schmitt-trigger inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS08PW Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74HCS08PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Nexperia
74HCS08
Quad 2-input AND gate with Schmitt-trigger inputs
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT402-1
sot402-1_po
03-02-18
23-10-27
Unit
mm
max
nom
min
1.20 0.15
0.30 0.2
5.1
0.65
A
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
A1
1.05
bp
c
8°
0°
e
HE
L
1
Lp
v
0.2
w
y
0.25
0.1
0.1
6.2
0.45
4.3
0.05
0.19 0.09 4.9
0.80
6.6
0.75
4.5
0
5 mm
scale
w M
bp
D
e
1
7
14
8
θ
A
A1
A2
Lp
detail X
L
HE
E
c
v M A
X
A
y
pin 1 index
A2
A3
MO-153
θ
A3
D(1) E(2)
Fig. 13. Package outline SOT402-1 (TSSOP14)
74HCS08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 24 June 2025
10 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com