Electronic Components Datasheet Search
  English  ▼

X  

74HCS08DJ Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74HCS08DJ
Description  Quad 2-input AND gate with Schmitt-trigger inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS08DJ Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74HCS08DJ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Nexperia
74HCS08
Quad 2-input AND gate with Schmitt-trigger inputs
9.1.2. For outputs
aaa-036301
0
5
10
15
20
25
25
30
35
40
45
50
IOL (mA)
ROL
ROL
(Ω)
(Ω)
(1)
(1)
(2)
(2)
(3)
(3)
(4)
(4)
(5)
(5)
(6)
(6)
(1) VCC = 2.0 V
(2) VCC = 2.5 V
(3) VCC = 3.3 V
(4) VCC = 4.5 V
(5) VCC = 5.0 V
(6) VCC = 6.0 V
Fig. 8. Typical LOW-level output resistance as function
of the output current
aaa-036302
0
5
10
15
20
25
30
38
46
54
62
70
IOH (mA)
ROH
ROH
(Ω)
(Ω)
(1)
(1)
(2)
(2)
(3)
(3)
(4)
(4)
(5)
(5)
(6)
(6)
(1) VCC = 2.0 V
(2) VCC = 2.5 V
(3) VCC = 3.3 V
(4) VCC = 4.5 V
(5) VCC = 5.0 V
(6) VCC = 6.0 V
Fig. 9. Typical HIGH-level output resistance as function
of the output current
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Section 10.1.
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ[1] Max
Min
Max
Min
Max
Unit
nA, nB to nY; see Fig. 10
[2]
VCC = 2 V
-
14
28
-
34
-
36
ns
VCC = 4.5 V
-
7
11
-
12
-
13
ns
VCC = 6 V
-
6
10
-
11
-
12
ns
VCC = 3.0 V to 3.6 V
-
8
14
-
17
-
18
ns
tpd
propagation
delay
VCC = 4.5 V to 5.5 V
-
6
11
-
12
-
13
ns
nY; see Fig. 10
[3]
VCC = 2 V
-
9
13
-
15
-
16
ns
VCC = 4.5 V
-
5
7
-
8
-
8
ns
VCC = 6 V
-
4
6
-
7
-
7
ns
VCC = 3.0 V to 3.6 V
-
5
8
-
9
-
10
ns
tt
transition
time
VCC = 4.5 V to 5.5 V
-
4
7
-
8
-
8
ns
CI
input
capacitance
-
1.5
-
-
5
-
5
pF
74HCS08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 24 June 2025
6 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com