Electronic Components Datasheet Search
  English  ▼

X  

ICS841S01 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS841S01
Description  PCI EXPRESS??CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S01 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS841S01 Datasheet HTML 1Page - Integrated Device Technology ICS841S01 Datasheet HTML 2Page - Integrated Device Technology ICS841S01 Datasheet HTML 3Page - Integrated Device Technology ICS841S01 Datasheet HTML 4Page - Integrated Device Technology ICS841S01 Datasheet HTML 5Page - Integrated Device Technology ICS841S01 Datasheet HTML 6Page - Integrated Device Technology ICS841S01 Datasheet HTML 7Page - Integrated Device Technology ICS841S01 Datasheet HTML 8Page - Integrated Device Technology ICS841S01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PCI EXPRESS™ CLOCK GENERATOR
ICS841S01
IDT™ / ICS™ PCI EXPRESS CLOCK GENERATOR
1
ICS841S01BG REV. B MAY 23, 2007
PRELIMINARY
GENERAL DESCRIPTION
The ICS841S01 is a PLL-based clock generator
specifically designed for PCI_Express™Clock
Generation applications. This device generates a
100MHz HCSL clock. The device offers a HCSL
(Host Clock Signal Level) clock output from a clock
input reference of 25MHz. The input reference may be derived
from an external source or by the addition of a 25MHz crystal to
the on-chip crystal oscillator. An external reference may be applied
to the XTAL_IN pin with the XTAL_OUT pin left floating.
The device offers spread spectrum clock output for reduced EMI
applications. An I2C bus interface is used to enable or disable
spread spectrum operation as well as select either a down spread
value of -0.35% or -0.5%.
The ICS841S01 is available in both standard and lead-free
16-Lead TSSOP packages.
FEATURES
• One 0.7V current mode differential HCSL output pair
• Crystal oscillator interface, 25MHz
• Output frequency: 100MHz
• RMS period jitter: 3ps (maximum)
• Cycle-to-cyle jitter: 35ps (maximum)
• I2C support with readback capabilities up to 400kHz
• Spread Spectrum for electromagnetic interference (EMI)
reduction
• 3.3V operating supply mode
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
The Preliminary Information presented herein represents a product in pre-production. The noted characteristics are based on initial product characterization
and/or qualification. Integrated Device Technology, Incorporated (IDT) reserves the right to change any circuitry or specifications without notice.
BLOCK DIAGRAM
PIN ASSIGNMENT
VSS_SRC
VDD_SRC
SRCT0
SRCC0
VDD_SRC
VSS_SRC
IREF
VSSA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD_SRC
SDATA
SCLK
XTAL_OUT
XTAL_IN
VDD_REF
VSS_REF
VDDA
ICS841S01
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm
package body
G Package
Top View
Divider
Network
PLL
OSC
I2C
Logic
SRCT0
SRCC0
Pullup
Pullup
XTAL_IN
XTAL_OUT
SDATA
SCLK
IREF
25MHz


Similar Part No. - ICS841S01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841S012DI IDT-ICS841S012DI Datasheet
192Kb / 22P
Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS841S012DI RENESAS-ICS841S012DI Datasheet
484Kb / 24P
Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
January 4, 2016
logo
Integrated Device Techn...
ICS841S012I IDT-ICS841S012I Datasheet
194Kb / 23P
Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
More results

Similar Description - ICS841S01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
PCI-Express Clock Generator
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
PCI-Express Clock Generator
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
PCI Express Clock Generator
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
Two Outputs PCI-Express Clock Generator
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
HCSL-Compatible Clock Generator for PCI Express
PL602-2XSC MICREL-PL602-2XSC Datasheet
345Kb / 6P
HCSL Compatible Clock Generator for PCI Express
logo
Cypress Semiconductor
CY24292 CYPRESS-CY24292 Datasheet
231Kb / 20P
Four Outputs PCI-Express Clock Generator
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
PCI Express™ Clock Generator
Revision C, July 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com