Electronic Components Datasheet Search
  English  ▼

X  

C261X030FJC Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # C261X030FJC
Description  PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C261X030FJC Datasheet(HTML) 3 Page - PANDUIT CORP.

  C261X030FJC Datasheet HTML 1Page - PANDUIT CORP. C261X030FJC Datasheet HTML 2Page - PANDUIT CORP. C261X030FJC Datasheet HTML 3Page - PANDUIT CORP. C261X030FJC Datasheet HTML 4Page - PANDUIT CORP. C261X030FJC Datasheet HTML 5Page - PANDUIT CORP. C261X030FJC Datasheet HTML 6Page - PANDUIT CORP. C261X030FJC Datasheet HTML 7Page - PANDUIT CORP. C261X030FJC Datasheet HTML 8Page - PANDUIT CORP. C261X030FJC Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Order number of sleeves required.
• Fast loading P1™ Label Cassette includes both label material and ribbon to make changing labels easy
• Self-laminating adhesive labels for wire/cable identification include a colored print-on area and
clear overlaminate
• Provides a larger labeling surface on small fiber cables and allows legends to be clearly seen
• Sleeve is made of flexible PVC material
• Locate sleeve on straight section of cable at least 2 inches from fiber boot
Order number of cassettes required.
Order number of cassettes required.
Self-Laminating Vinyl (VA, VB, VD, VH, VI)
40°F to 150°F (-40°C to 66°C)
Part Number
Width
Length
Print-On
Area Height
Min. Cable
O.D.
Max. Wire
O.D.
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Part Description
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
S100X160VAC
White print-on, self-laminating vinyl label
175/cassette. For use with NWSLC-2Y,
NWSLC-3Y, and NWSLC-2Y-AQ
1.00
25.4
1.60
40.6
0.80
20.3
0.25
6.4
0.25
6.4
1
10
S100X220VAC
White print-on, self-laminating vinyl label,
125/cassette. For use with NWSLC-7Y.
1.00
25.4
2.20
55.9
1.10
27.9
0.35
8.9
0.35
8.9
1
10
Part Number
Part Description
Std.
Pkg.
Qty
Std.
Ctn.
Qty
NWSLC-2Y-AQ
Aqua, cable identification sleeve for 2mm simplex cable, 1 inch long.
100 1000
NWSLC-2Y
Yellow, cable identification sleeve for 2mm simplex cable, 1 inch long.
100 1000
NWSLC-3Y
Orange, cable identification sleeve for 3mm simplex cable, 1 inch long.
100 1000
NWSLC-7Y
White, cable identification sleeve for 3mm duplex fiber cable, 1 inch long.
100 1000
Part Number
Print-On
Area
color
Width
Length
Print-On
Area Height
Min. Cable
O.D.
Max. Cable
O.D.
Wire/Cable
Size Range
Labels
Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
S050X075VAC
White
0.50
12.7
0.75
19.1
0.25
6.4
0.08
2.0
0.16
4.0
18 – 14 AWG
450
1
10
S050X125VAC
White
0.50
12.7
1.25
31.8
0.38
9.7
0.12
3.1
0.28
7.0
12 – 10 AWG
225
1
10
S050X150VAC
White
0.50
12.7
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
Cat. 5e/Cat. 6
200
1
10
S075X075VAC
White
0.75
19.1
0.75
19.1
0.25
6.4
0.08
2.0
0.16
4.0
18 – 14 AWG
350
1
10
S075X100VAC
White
0.75
19.1
1.00
25.4
0.38
9.7
0.12
3.1
0.16
4.0
12 – 10 AWG
275
1
10
S075X125VAC
White
0.75
19.1
1.25
31.8
0.38
9.7
0.12
3.1
0.28
7.0
12 – 10 AWG
225
1
10
S075X150VAC
White
0.75
19.1
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
Cat. 5e/Cat. 6
200
1
10
S100X075VAC
White
1.00
25.4
0.75
19.1
0.25
6.4
0.08
2.0
0.16
4.0
18 – 14 AWG
350
1
10
S100X125VAC
White
1.00
25.4
1.25
31.8
0.38
9.7
0.12
3.1
0.28
7.0
12 – 10 AWG
225
1
10
S100X150VAC
White
1.00
25.4
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
Cat. 5e/Cat. 6
200
1
10
S100X150VBC
TIA Blue
1.00
25.4
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
Cat. 5e/Cat. 6
200
1
10
S100X150VDC
TIA Green
1.00
25.4
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
Cat. 5e/Cat. 6
200
1
10
S100X150VHC
TIA Red
1.00
25.4
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
Cat. 5e/Cat. 6
200
1
10
S100X150VIC
TIA Yellow
1.00
25.4
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
Cat. 5e/Cat. 6
200
1
10
S100X225VAC
White
1.00
25.4
2.25
57.2
0.75
19.1
0.24
6.1
0.48
12.2
8 – 4 AWG
125
1
10
S100X225VBC
TIA Blue
1.00
25.4
2.25
57.2
0.75
19.1
0.24
6.1
0.48
12.2
8 – 4 AWG
125
1
10
S100X225VDC
TIA Green
1.00
25.4
2.25
57.2
0.75
19.1
0.24
6.1
0.48
12.2
8 – 4 AWG
125
1
10
S100X225VHC
TIA Red
1.00
25.4
2.25
57.2
0.75
19.1
0.24
6.1
0.48
12.2
8 – 4 AWG
125
1
10
S100X225VIC
TIA Yellow
1.00
25.4
2.25
57.2
0.75
19.1
0.24
6.1
0.48
12.2
8 – 4 AWG
125
1
10
S100X400VAC
White
1.00
25.4
4.00
101.6
1.00
25.4
0.32
8.1
0.95
24.3
2 – 1 AWG
75
1
10
S100X650VAC
White
1.00
25.4
6.50
165.1
1.50
38.1
0.48
12.2
1.59
40.4
1/0-250 MCM
50
1
10
LabelCore ™ Fiber Optic Cable Identification System
Self-Laminating Label Cassettes for Use with LabelCor e ™
Fiber Optic Cable Identification System
Self-Laminating Label Cassettes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com