Electronic Components Datasheet Search
  English  ▼

X  

UILS8BW Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # UILS8BW
Description  PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

UILS8BW Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button UILS8BW Datasheet HTML 2Page - PANDUIT CORP. UILS8BW Datasheet HTML 3Page - PANDUIT CORP. UILS8BW Datasheet HTML 4Page - PANDUIT CORP. UILS8BW Datasheet HTML 5Page - PANDUIT CORP. UILS8BW Datasheet HTML 6Page - PANDUIT CORP. UILS8BW Datasheet HTML 7Page - PANDUIT CORP. UILS8BW Datasheet HTML 8Page - PANDUIT CORP. UILS8BW Datasheet HTML 9Page - PANDUIT CORP. UILS8BW Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Order number of cassettes required.
• Fast-loading P1™ Label Cassette includes both label material and ribbon to make changing labels easy
• Meets print performance requirements of MIL-M-81531 and MIL-STD-202G Method 215K, Solution A, C, and D
• Meets UL Standard 224 for flammability
• Shrink ratio 3:1
• Non-adhesive flattened heat shrinkable polyolefin for wire/cable identification
Die-Cut Heat Shrink Labels
Continuous Heat Shrink Labels
Heat Shrinkable Polyolefin (H1, H2)
-67°F to 275°F (-55°C to 135°C)
Order number of cassettes required.
Part Number
Color
Width
Length
Min. Cable O.D.
Max. Wire O.D.
Wire Range
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
In.
mm
In.
mm
H000X025H1C
White
0.25
6.4
8.0
2.4
0.04
1.0
0.13
3.3
22 – 18 AWG
1
10
H000X025H2C
Yellow
0.25
6.4
8.0
2.4
0.04
1.0
0.13
3.3
22 – 18 AWG
1
10
H000X034H1C
White
0.34
8.6
8.0
2.4
0.06
1.5
0.19
4.8
18 – 12 AWG
1
10
H000X034H2C
Yellow
0.34
8.6
8.0
2.4
0.06
1.5
0.19
4.8
18 – 12 AWG
1
10
H000X044H1C
White
0.44
11.2
6.0
1.8
0.08
2.0
0.25
6.4
16 – 10 AWG
1
10
H000X044H2C
Yellow
0.44
11.2
6.0
1.8
0.08
2.0
0.25
6.4
16 – 10 AWG
1
10
H000X064H1C
White
0.64
16.3
6.0
1.8
0.13
3.3
0.38
9.7
12 – 6 AWG
1
10
H000X064H2C
Yellow
0.64
16.3
6.0
1.8
0.13
3.3
0.38
9.7
12 – 6 AWG
1
10
H000X084H1C
White
0.84
21.3
6.0
1.8
0.17
4.3
0.50
12.7
8 – 1 AWG
1
10
H000X084H2C
Yellow
0.84
21.3
6.0
1.8
0.17
4.3
0.50
12.7
8 – 1 AWG
1
10
Part Number
Color
Width
Length
Min. Cable O.D.
Max. Wire O.D.
Wire Range
Labels
Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
H100X025H1C
White
0.25
6.4
1.00
25.4
0.04
1.0
0.13
3.3
22 – 18 AWG
100
1
10
H100X025H2C
Yellow
0.25
6.4
1.00
25.4
0.04
1.0
0.13
3.3
22 – 18 AWG
100
1
10
H100X034H1C
White
0.34
8.6
1.00
25.4
0.06
1.5
0.19
4.8
18 – 12 AWG
100
1
10
H100X034H2C
Yellow
0.34
8.6
1.00
25.4
0.06
1.5
0.19
4.8
18 – 12 AWG
100
1
10
H100X044H1C
White
0.44
11.2
1.00
25.4
0.08
2.0
0.25
6.4
16 – 10 AWG
100
1
10
H100X044H2C
Yellow
0.44
11.2
1.00
25.4
0.08
2.0
0.25
6.4
16 – 10 AWG
100
1
10
H100X064H1C
White
0.64
16.3
1.00
25.4
0.13
3.3
0.38
9.7
12 – 6 AWG
75
1
10
H100X064H2C
Yellow
0.64
16.3
1.00
25.4
0.13
3.3
0.38
9.7
12 – 6 AWG
75
1
10
H100X084H1C
White
0.84
21.3
1.00
25.4
0.17
4.3
0.50
12.7
8 – 1 AWG
75
1
10
H100X084H2C
Yellow
0.84
21.3
1.00
25.4
0.17
4.3
0.50
12.7
8 – 1 AWG
75
1
10
Heat Shrink Label Cassettes
Continuous Nylon Cloth Tape
Order number of cassettes required.
Part Number
Color
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
T038X000C1C-BK
White
0.38
9.7
18.0
5.5
1
10
T038X000C2C-BK
Yellow
0.38
9.7
18.0
5.5
1
10
T050X000C1C-BK
White
0.50
12.7
18.0
5.5
1
10
T050X000C2C-BK
Yellow
0.50
12.7
18.0
5.5
1
10
T075X000C1C-BK
White
0.75
19.1
18.0
5.5
1
10
T075X000C2C-BK
Yellow
0.75
19.1
18.0
5.5
1
10
T100X000C1C-BK
White
1.00
25.4
18.0
5.5
1
10
T100X000C2C-BK
Yellow
1.00
25.4
18.0
5.5
1
10
Non-Laminated Label Cassettes (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com