Electronic Components Datasheet Search
  English  ▼

X  

442BA2HABC Datasheet(PDF) 1 Page - CTS Corporation

Part # 442BA2HABC
Description  Linear Motion 1/4 Watt Composition Slide Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

442BA2HABC Datasheet(HTML) 1 Page - CTS Corporation

  442BA2HABC Datasheet HTML 1Page - CTS Corporation 442BA2HABC Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Linear Motion
1/4 Watt
Composition
Slide Controls
• 11/4" (31.7mm) slider travel
• 1/4 watt power rating
• Choice of resistance tapers
• Economical
• Wide resistance range
• Choice of mounting styles
Series 442
Electrical and Mechanical Specifications
Resistance Range
200 ohms through 5 megaohms
Resistance Tolerance
Standard: ±20%
Available: ±10%
Power Rating, Watts
1
/4 watt @ 55°C derated to no load @ 85°C,
linear taper, control mounted on steel panel
4" x 4" x .050" (101.6mm x 101.6mm x 1.27mm).
Voltage Rating
Across end terminals:
Linear curves — 500 VDC
Tapered curves — 350 VDC
(Not to exceed wattage ratings)
Between case and end terminals:
1080 VAC RMS
Resistance Tapers
Standard: Linear
Special: Available upon request
Slide Travel
Mechanical — 11/4 inches (31.7mm)
Effective
— 11/4 inches (31.7mm)
Shaft Information
See illustrations, page 2.
Operating Force
Either direction 1 to 9 in-oz. (28 to 256 gf-cm)
Measured .250" (6.35mm) from base of slider.
Stop Strength
Maximum — 35 in-lbs. (15.9 kg-cm) measured
at base of slider.
Terminal Information
Straight, vertical or snap-in to printed circuit board,
wirewrap or solder lug styles.
Mounting Information
Top, bottom, side or no twist tab mounting —
refer to illustrations, page 2.
Features
Operating Temperature
0°C - +70°C
• RoHS compliant
1 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/21/06
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 442BA2HABC

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
442BA2H102AAN CTS-442BA2H102AAN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
442BA2H102ADN CTS-442BA2H102ADN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
442BA2H102BDN CTS-442BA2H102BDN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
442BA2H102CDN CTS-442BA2H102CDN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
442BA2H103ADN CTS-442BA2H103ADN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
More results

Similar Description - 442BA2HABC

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
448 CTS-448 Datasheet
110Kb / 4P
Linear motion 0.2 watt composition slide control
logo
Bourns Electronic Solut...
3048L BOURNS-3048L Datasheet
76Kb / 1P
Linear Motion Potentiometer
logo
RHOPOINT COMPONENTS
CC50 RHOPOINT-CC50 Datasheet
304Kb / 2P
Replaces 1 and 2 watt carbon composition resistors
logo
Bourns Electronic Solut...
3046 BOURNS-3046 Datasheet
147Kb / 1P
Linear Motion Potentiometer
3048 BOURNS-3048_13 Datasheet
257Kb / 1P
Linear Motion Potentiometer
logo
MERITEK ELECTRONICS COR...
SRCM MERITEK-SRCM Datasheet
461Kb / 2P
Replaces 1 and 2 watt carbon composition resistors
logo
TriQuint Semiconductor
TQP9113 TRIQUINT-TQP9113 Datasheet
689Kb / 13P
1 Watt Linear Amplifier
logo
CTS Corporation
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
Commercial Linear Motion Carbon Composition Slide Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com