Electronic Components Datasheet Search
  English  ▼

X  

NKHDMIIW Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # NKHDMIIW
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NKHDMIIW Datasheet(HTML) 8 Page - PANDUIT CORP.

Back Button NKHDMIIW Datasheet HTML 4Page - PANDUIT CORP. NKHDMIIW Datasheet HTML 5Page - PANDUIT CORP. NKHDMIIW Datasheet HTML 6Page - PANDUIT CORP. NKHDMIIW Datasheet HTML 7Page - PANDUIT CORP. NKHDMIIW Datasheet HTML 8Page - PANDUIT CORP. NKHDMIIW Datasheet HTML 9Page - PANDUIT CORP. NKHDMIIW Datasheet HTML 10Page - PANDUIT CORP. NKHDMIIW Datasheet HTML 11Page - PANDUIT CORP. NKHDMIIW Datasheet HTML 12Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Part
Number*
Description
NKF6FR02L-FM01
LC to MT-RJ patch cord, OM1, riser, duplex (1.8 mm jacket).
LC to MT-RJ Patch Cords
NKF5FR02L-FM01
LC to MT-RJ patch cord, OM2, riser, duplex (1.8 mm jacket).
NKFXFR02L-FM01
LC to MT-RJ patch cord, OM3, riser, duplex (1.8 mm jacket).
NKF6FR02F-FM01
MT-RJ to MT-RJ patch cord, OM1, riser, duplex (1.8 mm jacket).
MT-RJ to MT-RJ Patch Cords
NKF5FR02F-FM01
MT-RJ to MT-RJ patch cord, OM2, riser, duplex (1.8 mm jacket).
NKFXFR02F-FM01
MT-RJ to MT-RJ patch cord, OM3, riser, duplex (1.8 mm jacket).
NetKey ® Fiber Optic Patch Cords and Pigtails (continued)
*For standard meter lengths other than 1 meter (2, 3, 5 or 10), change the length designation in the part
number to the desired length. For example, the part number for a 2 meter, MT-RJ to MT-RJ, patch cord,
OM1, riser, duplex patch cord is NKF6FR02F-FM02.
NKF6BN011-NM01
LC to Pigtail, OM1, simplex, 900µm buffered fiber.
LC Pigtails
NKF5BN011-NM01
LC to Pigtail, OM2, simplex, 900µm buffered fiber.
NKFXBN011-NM01
LC to Pigtail, OM3, simplex, 900µm buffered fiber.
NKF9BN011-NM01
LC to Pigtail, singlemode, simplex, 900µm buffered fiber.
NKF6BN012-NM01
ST to Pigtail, OM1, simplex, 900µm buffered fiber.
ST Pigtail
NKF5BN012-NM01
ST to Pigtail, OM2, simplex, 900µm buffered fiber.
NKFXBN012-NM01
ST to Pigtail, OM3, simplex, 900µm buffered fiber.
NKF9BN012-NM01
ST to Pigtail, singlemode, simplex, 900µm buffered fiber.
NKF6BN013-NM01
SC to Pigtail, OM1, simplex, 900µm buffered fiber.
SC Pigtail
NKF5BN013-NM01
SC to Pigtail, OM2, simplex, 900µm buffered fiber.
NKFXBN013-NM01
SC to Pigtail, OM3, simplex, 900µm buffered fiber.
NKF9BN013-NM01
SC to Pigtail, singlemode, simplex, 900µm buffered fiber.
NKF6FR02S-FM01
SC to MT-RJ patch cord, OM1, riser, duplex (1.8 mm jacket).
SC to MT-RJ Patch Cords
NKF5FR02S-FM01
SC to MT-RJ patch cord, OM2, riser, duplex (1.8 mm jacket).
NKFXFR02S-FM01
SC to MT-RJ patch cord, OM3, riser, duplex (1.8 mm jacket).
NKF6FR022-FM01
ST to MT-RJ patch cord, OM1, riser, duplex (1.8 mm jacket).
ST to MT-RJ Patch Cords
NKF5FR022-FM01
ST to MT-RJ patch cord, OM2, riser, duplex (1.8 mm jacket).
NKFXFR022-FM01
ST to MT-RJ patch cord, OM3, riser, duplex (1.8 mm jacket).
MT-RJ to MT-RJ Patch Cord
LC to Pigtail
SC to Pigtail
ST to Pigtail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com