Electronic Components Datasheet Search
  English  ▼

X  

SM2T6V8A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM2T6V8A
Description  Transient Voltage Suppressor: TRANSIL ?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM2T6V8A Datasheet(HTML) 3 Page - STMicroelectronics

  SM2T6V8A Datasheet HTML 1Page - STMicroelectronics SM2T6V8A Datasheet HTML 2Page - STMicroelectronics SM2T6V8A Datasheet HTML 3Page - STMicroelectronics SM2T6V8A Datasheet HTML 4Page - STMicroelectronics SM2T6V8A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SM2T series
3/5
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
25
50
75
100
125
150
Tj(°C)
V
R=VRM
I (nA)
R
Fig. 6: Reverse leakage current versus junction tempera-
ture (typical values).
0
50
100
150
200
250
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
S(cm²)
Rth(j-a)(°C/W)
Fig. 5: Thermal resistance junction to ambient versus
copper surface under tab.
0.1
1.0
10.0
100.0
0
5
10
15
20
25
30
35
40
45
V (V)
CL
8/20µs
T
j initial =25°C
10/1000µs
SM2T6V8A
SM2T14A
SM2T18A
SM2T27A
I (A)
PP
Fig. 7: Clamping voltage versus peak pulse current (maxi-
mum values).
10
100
1000
10000
1
10
100
V (V)
R
F=1MHz
V
osc=30mVRMS
T
j=25°C
SM2T6V8A
SM2T14A
SM2T18A
SM2T27A
C(pF)
Fig. 8: Junction capacitance versus reverse voltage ap-
plied (typical values).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
Tamb(°C)
Tamb = Ttab
Printed circuit board FR4,
recommended pad layout
P(W)
Fig. 3: Average power dissipation versus ambient tem-
perature.
0.1
1.0
10.0
100.0
1000.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t (s)
P
S=2cm²
S=0.135cm²
Zth(j-a)(°C/W)
Fig. 4: Variation of thermal impedance junction to ambient
versus pulse duration.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com