Electronic Components Datasheet Search
  English  ▼

X  

ADT7420 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7420
Description  ±0.25°C Accurate, 16-Bit Digital ±0.25°C Accurate, 16-Bit Digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7420 Datasheet HTML 17Page - Analog Devices ADT7420 Datasheet HTML 18Page - Analog Devices ADT7420 Datasheet HTML 19Page - Analog Devices ADT7420 Datasheet HTML 20Page - Analog Devices ADT7420 Datasheet HTML 21Page - Analog Devices ADT7420 Datasheet HTML 22Page - Analog Devices ADT7420 Datasheet HTML 23Page - Analog Devices ADT7420 Datasheet HTML 24Page - Analog Devices ADT7420 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ADT7420
Data Sheet
Rev. 0 | Page 20 of 24
RESET
To reset the ADT7420 without having to reset the entire I2C bus,
an explicit reset command is provided. This uses a particular
address pointer word as a command word to reset the part and
upload all default settings. The ADT7420 does not respond to
(does not acknowledge) I2C bus commands while the default
values upload for approximately 200 µs. Use the following
sequence to perform a reset:
1.
Write to the ADT7420 using the appropriate address.
2.
Get acknowledge.
3.
Set the register address to 0x2F.
4.
Get acknowledge.
5.
Apply stop condition.
6.
Wait 200 µs for the part to reset its registers to the default
power-up settings.
GENERAL CALL
When a master issues a slave address consisting of seven 0s with
the eighth bit (R/W bit) set to 0, this is known as the general call
address. The general call address is for addressing every device
connected to the I2C bus. The ADT7420 acknowledges this
address and reads in the following data byte.
If the second byte is 0x06, the ADT7420 is reset, completely
uploading all default values. The ADT7420 does not respond
to the I2C bus commands (do not acknowledge) while the
default values upload for approximately 200 µs.
The ADT7420 does not acknowledge any other general call
commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com