Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G02GS Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G02GS
Description  Single 2-input NOR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G02GS Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G02GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Nexperia
74LVC1G02
Single 2-input NOR gate
C
A1
A3 (4×)
A
(2)
(2)
(2)
(2 )
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT8065-1
MO-340
sot8065-1_po
24-07-09
24-08-27
Unit
mm
max
nom
min
0.50 0.040
0.35
0.6
A(1)
Dimensions (mm are the original dimensions)
Note:
1. Plastic or metal protrusions per side are not included.
2. Side wettable flanks (SWF), protrusion max. 0.02 mm.
SOT8065-1
A1
b
0.28
D
Dh
E
0.05 0.05
w
y
e
0.75
e1
k1
L
0.30
0.47 0.020
1.10 0.30 0.85
0.135
(typ)
0.05
0.23
0.25
A3
u
0.1
0.44 0.005
0.27
0.20
0.2
k2
0.45 0.22
0.05
y1
v
0
1 mm
scale
terminal 1
index area
terminal 1
index area
A
D
E
B
e1
e
y C
5×
u C
2×
u C
C
y1
L
(4×)
A
C
B
v
w
C
2×
seating plane
b
(4×)
k2
(2×)
k1 (4×)
□Dh
1
2
3
4
5
(1)
(1)
XSON5: Plastic thermal enhanced extremely thin small outline package with
side-wettable flanks (SWF); no leads; 5 terminals; body 1.1 × 0.85 × 0.5 mm
Fig. 12. Package outline SOT8065-1 (XSON5)
74LVC1G02
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 17.1 — 2 September 2024
14 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com