Electronic Components Datasheet Search
  English  ▼

X  

74LVC2G66DP Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G66DP
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66DP Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC2G66DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G66DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 9 — 15 December 2016
4 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
8.
Limiting values
[1]
The minimum input voltage rating may be exceeded if the input current rating is observed.
[2]
The minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed.
[3]
For TSSOP8 package: above 55
C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
C the value of P
tot derates linearly with 8 mW/K.
For XSON8 and XQFN8 packages: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2, SOT765-1, SOT996-2
and SOT833-1
SOT902-2
1Y
1
7
independent input or output
1Z
2
6
independent input or output
2E
3
5
enable input (active HIGH)
GND
4
4
ground (0 V)
2Y
5
3
independent input or output
2Z
6
2
independent input or output
1E
7
1
enable input (active HIGH)
VCC
8
8
supply voltage
Table 4.
Function table[1]
Input nE
Switch
LOFF-state
H
ON-state
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
VI
input voltage
[1]
0.5
+6.5
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
50
-
mA
ISK
switch clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
50
mA
VSW
switch voltage
enable and disable mode
[2]
0.5
VCC +0.5
V
ISW
switch current
VSW > 0.5 V or
VSW <VCC +0.5 V
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 Cto+125 C
[3]
-
250
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com