Electronic Components Datasheet Search
  English  ▼

X  

658L2C2 Datasheet(PDF) 3 Page - CTS Corporation

Part # 658L2C2
Description  CLOCK, HIGH FREQUENCY MULTIPLIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

658L2C2 Datasheet(HTML) 3 Page - CTS Corporation

  658L2C2 Datasheet HTML 1Page - CTS Corporation 658L2C2 Datasheet HTML 2Page - CTS Corporation 658L2C2 Datasheet HTML 3Page - CTS Corporation 658L2C2 Datasheet HTML 4Page - CTS Corporation 658L2C2 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document No. 008-0316-0
Page 3 - 5
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 658
7x5mm Low Cost
LVCMOS, LVPECL or LVDS Clock
CMOS/TTL OUTPUT WAVEFORM
TEST CIRCUIT, CMOS LOAD
PECL/LVDS OUTPUT WAVEFORM
TEST CIRCUIT, PECL LOAD
TEST CIRCUIT, LVDS LOAD
ENABLE TRUTH TABLE
PIN 1 or 2
PIN 4 / PIN 5
Logic ‘1’
Output
Open
Output
Logic ‘0’
High Imp.
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
EOH / NC
Enable or No Connect
2
NC / EOH
No Connect or Enable
3
GND
Circuit & Package Ground
4
Output
RF Output
5
Output / NC
Complimentary RF Output
(PECL and LVDS Only)
6
VCC
Supply Voltage
Tr
Tf
UPTIME (t)
PERIOD (T)
90%, 80%, 2.4V
50%, 1.5V
10%, 20%, 0.5V
DUTY CYCLE = t/T x 100 (%)
V
V
OH
OL
POWER
SUPPLY
+
-
+-
-
+
VM
mA
0.01uF
D.U.T.
64
12
N.C. or Enable Input
3
5
N.C.
Including probe
capacitance.
C L
Enable Input or N.C.
Tr
Tf
UPTIME (t)
PERIOD (T)
80%
50%
20%
DUTY CYCLE = t/T x 100 (%)
OUT
OUT
OH
V
OL
V
VOS
POWER
SUPPLY
+
-
+-
-
+
VM
mA
0.01uF
D.U.T.
64
12
N.C. or Enable Input
3
5
CH1
CH2
50
R L
R L
50
Vcc - 2.0V
Vcc - 2.0V
Enable Input or N.C.
POWER
SUPPLY
+
-
+-
-
+
VM
mA
0.01uF
D.U.T.
64
12
N.C. or Enable Input
3
5
CH1
CH2
100
R L
Enable Input or N.C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com