Electronic Components Datasheet Search
  English  ▼

X  

ADS Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # ADS
Description  Adjustable Depth Shelf ADS Series Up to 550 lbs (250 kg) Weight Capacity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

ADS Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  ADS Datasheet HTML 1Page - Hammond Manufacturing Ltd. ADS Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9/3/22, 11:24 AM
Adjustable Depth Shelf (ADS Series) - Hammond Mfg.
https://www.hammfg.com/dci/products/accessories/ads
2/2
Data subject to change without notice
Part No.
Part No.
Overall Dimensions
Adjustable Depth Range
Rack
Weight Load
Optional Heavy Duty
Solid
Vented
Height
Width
Min
Max
Units
Capacity
Support Bar
ADSU1825BK
ADSV1825BK
1.72
19.00
18.00
25.00
1U
350 lbs (158 kg)
ADSB
ADSU2536BK
ADSV2536BK
1.72
19.00
25.00
36.00
1U
350 lbs (158 kg)
ADSB
ADSU3642BK
ADSV3642BK
1.72
19.00
36.00
42.00
1U
275 lbs (125 kg)
ADSB
© 2022. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com