Electronic Components Datasheet Search
  English  ▼

X  

DNFCDC3P Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # DNFCDC3P
Description  Fan Cords DNFC Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DNFCDC3P Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  DNFCDC3P Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice.
Fan Cords DNFC Series
Features
For wiring of tubeaxial fans (above)
Molded female standard fan plug (0.91" x 0.68")
SPT-1 x 18/2 type wire cord, rated 300V and 105 degrees C
See tables below for detailed descriptions
Gallery
Part Number
Description
Lead Length
Fan Connector
115VAC Plug
DNMFC
Single
24.00
45 degree
No
DNFC48P
Single
48.00
45 degree
Yes
DNFC72P
Single
72.00
45 degree
No
DNFCDC2P
Daisy Chain
24.00
Qty 2-45 degree, 12" apart
Yes
DNFCDC3P
Daisy Chain
24.00
Qty 3-45 degree, 12" apart
No
© 2016. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


Similar Part No. - DNFCDC3P

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DNFCDC3P HAMMOND-DNFCDC3P Datasheet
77Kb / 1P
CORDONS DALIMENTATION POUR VENTILATEURS
DNFCDC3P HAMMOND-DNFCDC3P Datasheet
131Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - DNFCDC3P

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
International Power Cords
logo
Hammond Manufacturing L...
1584C HAMMOND-1584C Datasheet
62Kb / 1P
Replacement Power Cords
logo
Alpha Wire
601B ALPHAWIRE-601B Datasheet
84Kb / 2P
125 V Jumper Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
logo
Bertech.
CGC151M BERTECH-CGC151M Datasheet
107Kb / 1P
Common Point Ground Cords
FGC151M BERTECH-FGC151M Datasheet
109Kb / 1P
Low Profile Ground Cords
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com