Electronic Components Datasheet Search
  English  ▼

X  

NM2 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # NM2
Description  High Capacity Horizontal Cable Managers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NM2 Datasheet(HTML) 1 Page - PANDUIT CORP.

  NM2 Datasheet HTML 1Page - PANDUIT CORP. NM2 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
NetManager™ High Capacity Horizontal
Cable Managers
*Part number shown as Black. Add Suffix WH
for White.
^ For racks with cage nut rails, add "CN" to end
of part number.
SPECIFICATION SHEET
key features and benefits
technical information
specifications
The high capacity horizontal cable managers shall
be capable of managing high performance cable on
the front and rear of any 19" EIA rack. The high
capacity horizontal cable managers shall be molded
plastic with bend radius fingers that protect the
cable. The fingers shall be inset towards the rack to
allow easy access to patch cords and terminations.
Standard pass through holes shall incorporate bend
radius control. Dual hinged covers shall allow
access to the cable pathway.
Inset fingers
Fingers slope inward offering greater access to network
cabling for easier moves, adds, and changes
Deep channel opening
Provides increased cable capacity in less rack space
Front finger spacing
Wide front finger openings easily accommodate
Category 6A and Category 6 copper cables speeding
installation and reducing maintenance costs
Rear finger spacing
Rear cable management finger spacing utilizes open
D-rings for greater accessibility
Dual hinged cover
Opens 110 degrees to the top or bottom to provide
complete access to the horizontal pathway without having
to remove the cover
Flush appearance with
Used together to improve data center and telecommunication
NetRunner ™ High Capacity
room aesthetics
Vertical Cable Manager
applications
Panduit® NetManager™ High Capacity
Horizontal Cable Managers provide an efficient
way to manage high performance copper, fiber
optic, or coaxial cables on any 19" rack. Fixed
inset fingers on the front and back allow easier
access to the ports for moves, adds, and
changes. Fixed bend radius fingers organize
and protect patch cords as they exit patch
panels and as they transition into the vertical
pathway. All of these features combine to
provide the user with a horizontal cable
management solution that simplifies cable
routing in a finished professional appearance.
When used with Panduit® Mini-Com® Patch
Panels, patch cords, vertical cable managers,
and racks, the user receives a total system
that satisfies functional and aesthetic
requirements for data centers and
telecommunications rooms.
NetManager™ High Capacity
Horizontal Cable Managers
Front and Rear
1 RU manager,
front and rear:
NM1*
2 RU manager,
front and rear:
NM2*
3 RU manager,
front and rear:
NM3*
4 RU manager,
front and rear:
NM4*
Front Only
1 RU manager
front only:
NMF1*
2 RU manager
front only:
NMF2*
3 RU manager
front only:
NMF3*
4 RU manager
front only:
NMF4*
Front to Rear Pass
Through Blanking Panels
1 RU:
NM1B
2 RU:
NM2B
3 RU:
NM3B
4 RU:
NM4B
NetRunner™ Vertical Managers
Front and rear
vertical manager: WMPVHC45E
Front only
vertical manager: WMPVHCF45E
Panduit Racks
2 Post EIA Standard
Rack 7' 19" Width
with #12-24
threaded rails:
R2P*
4 post rack 7' 30"
depth with #12-24
threaded rails:
R4P^*
4 post rack 7' 23"
depth with #12-24
threaded rails:
R4P23^
4 post rack 7' 36"
depth with #12-24
threaded rails:
R4P36^*
4 post rack 7' 42"
depth with #12-24
threaded rails:
R4P42^
Panel Extender Brackets
1 RU:
PEB1
2 RU:
PEB2
Part Number
RU
Height
in. (mm)
Width
in. (mm)
Depth
in. (mm)
NM1
1
1.7 (44)
19 (482)
13.1 (332)
NM2
2
3.5 (88)
19 (482)
13.1 (332)
NM3
3
5.2 (133)
19 (482)
13.1 (332)
NM4
4
7.0 (177)
19 (482)
13.1 (332)
NMF1
1
1.7 (44)
19 (482)
6.2 (157)
NMF2
2
3.5 (88)
19 (482)
6.2 (157)
NMF3
3
5.2 (133)
19 (482)
6.2 (157)
NMF4
4
7.0 (177)
19 (482)
6.2 (157)
Temperature ratings:
Max storage temperature 65°C (149°F); max operating
temperature 60°C (140°F)


Similar Part No. - NM2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
NM2 PANDUIT-NM2 Datasheet
6Mb / 12P
Network Infrastructure for the Enterprise
NM2 PANDUIT-NM2 Datasheet
1Mb / 2P
NetRunner Vertical Cable Managers
7/2020
logo
List of Unclassifed Man...
NM20-C3 ETC2-NM20-C3 Datasheet
1Mb / 8P
Plug-In Outlet Center Units
NM20-C4 ETC2-NM20-C4 Datasheet
1Mb / 8P
Plug-In Outlet Center Units
logo
Taiyo Yuden (U.S.A.), I...
NM2012N1R0M-T TAIYO-YUDEN-NM2012N1R0M-T Datasheet
136Kb / 1P
Multilayer Chip Power Inductors (CK series P type/NM series)
More results

Similar Description - NM2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
High breaking capacity
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
High surge capacity
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
High Surge Capacity
logo
Hongfa Technology
HFE7 HONGFA-HFE7_17 Datasheet
74Kb / 4P
High switching capacity
logo
PANDUIT CORP.
PR2VD0679 PANDUIT-PR2VD0679 Datasheet
455Kb / 2P
PatchRunner??2 Vertical Cable Managers
logo
Hubbell Incorporated.
HJWM24 HUBBELL-HJWM24 Datasheet
230Kb / 1P
Cobra-Lock??Termination Wire Managers
logo
PANDUIT CORP.
WMP1E PANDUIT-WMP1E Datasheet
838Kb / 2P
PatchLink ??Horizontal Cable Managers
5/2016
logo
List of Unclassifed Man...
90662-30 ETC-90662-30 Datasheet
309Kb / 1P
High Back Managers Chair
02-01-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com