Electronic Components Datasheet Search
  English  ▼

X  

CDF1963LBK1 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # CDF1963LBK1
Description  Modular Equipment Storage Rack Cabinet C2 Series 1,500 lbs Weight Capacity
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

CDF1963LBK1 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  CDF1963LBK1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. CDF1963LBK1 Datasheet HTML 2Page - Hammond Manufacturing Ltd. CDF1963LBK1 Datasheet HTML 3Page - Hammond Manufacturing Ltd. CDF1963LBK1 Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Cabinet Fan Tops
Side Panel Locking Kit
Cabinet Door Replacement Lock
Cabinet Baying/Ganging/Joining Kit
C2/C3 Bolt Down Kit
Door Adapter Rack Mount Kit
Door Adapter Cable Entry Kit
Shelves
Rack Mount Locking Storage Drawer
Vertical Cabinet Cable Manager with
Door
Vertical Cable Tray
Cable Lacing Bar
Horizontal Lacing Strip
Horizontal Hinged Cable Manager
Horizontal Ring Cable Manager
Cable Management Arm
Outlet Strips
Mounting Hardware
Grounding
Rack Panels
Caster Set
Medium Caster Set
Accessories
C2 Open Frames
Part No.
Part No.
Overall Dimensions Rack Usable Mounting Dimensions
Mounting Rail Options
Black
RAL 7035 Light Gray Height Width Depth Units
Height
Depth
Tapped 10-32 Square Hole
C2F193523BK1 C2F193523LG1
43.16
23.00 23.62
20U
35.06
21.63
CCR35TZPL
CPR35SZPL
C2F193531BK1 C2F193531LG1
43.16
23.00 31.50
20U
35.06
29.50
CCR35TZPL
CPR35SZPL
C2F193536BK1 C2F193536LG1
43.16
23.00 36.00
20U
35.06
34.00
CCR35TZPL
CPR35SZPL
C2F194223BK1 C2F194223LG1
50.16
23.00 23.62
24U
42.06
21.63
CCR42TZPL
CPR42SZPL
C2F194231BK1 C2F194231LG1
50.16
23.00 31.50
24U
42.06
29.50
CCR42TZPL
CPR42SZPL
C2F194236BK1 C2F194236LG1
50.16
23.00 36.00
24U
42.06
34.00
CCR42TZPL
CPR42SZPL
C2F194923BK1 C2F194923LG1
57.16
23.00 23.62
28U
49.06
21.63
CCR49TZPL
CPR49SZPL
C2F194931BK1 C2F194931LG1
57.16
23.00 31.50
28U
49.06
29.50
CCR49TZPL
CPR49SZPL
C2F194936BK1 C2F194936LG1
57.16
23.00 36.00
28U
49.06
34.00
CCR49TZPL
CPR49SZPL
C2F195623BK1 C2F195623LG1
64.16
23.00 23.62
32U
56.06
21.63
CCR56TZPL
CPR56SZPL
C2F195631BK1 C2F195631LG1
64.16
23.00 31.50
32U
56.06
29.50
CCR56TZPL
CPR56SZPL
C2F195636BK1 C2F195636LG1
64.16
23.00 36.00
32U
56.06
34.00
CCR56TZPL
CPR56SZPL
C2F196323BK1 C2F196323LG1
71.16
23.00 23.62
36U
63.06
21.63
CCR63TZPL
CPR63SZPL
C2F196331BK1 C2F196331LG1
71.16
23.00 31.50
36U
63.06
29.50
CCR63TZPL
CPR63SZPL
C2F196336BK1 C2F196336LG1
71.16
23.00 36.00
36U
63.06
34.00
CCR63TZPL
CPR63SZPL
C2F197023BK1 C2F197023LG1
78.16
23.00 23.62
40U
70.06
21.63
CCR70TZPL
CPR70SZPL
C2F197031BK1 C2F197031LG1
78.16
23.00 31.50
40U
70.06
29.50
CCR70TZPL
CPR70SZPL
C2F197036BK1 C2F197036LG1
78.16
23.00 36.00
40U
70.06
34.00
CCR70TZPL
CPR70SZPL
C2F197823BK1 C2F197823LG1
86.91
23.00 23.62
45U
78.81
21.63
CCR78TZPL
CPR78SZPL
C2F197831BK1 C2F197831LG1
86.91
23.00 31.50
45U
78.81
29.50
CCR78TZPL
CPR78SZPL
C2F197836BK1 C2F197836LG1
86.91
23.00 36.00
45U
78.81
34.00
CCR78TZPL
CPR78SZPL
C2F198523BK1 C2F198523LG1
93.91
23.00 23.62
49U
85.81
21.63
CCR85TZPL
CPR85SZPL
C2F198531BK1 C2F198531LG1
93.91
23.00 31.50
49U
85.81
29.50
CCR85TZPL
CPR85SZPL
C2F198536BK1 C2F198536LG1
93.91
23.00 36.00
49U
85.81
34.00
CCR85TZPL
CPR85SZPL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com