Electronic Components Datasheet Search
  English  ▼

X  

CDF1978LBK1 Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # CDF1978LBK1
Description  Modular Equipment Storage Rack Cabinet C2 Series 1,500 lbs Weight Capacity
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

CDF1978LBK1 Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  CDF1978LBK1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. CDF1978LBK1 Datasheet HTML 2Page - Hammond Manufacturing Ltd. CDF1978LBK1 Datasheet HTML 3Page - Hammond Manufacturing Ltd. CDF1978LBK1 Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C2 Doors
Door Type
Part No.
Part No.
Use with Cabinet
Shipping
Black
RAL 7035 Light Gray
Rack Units
Height
Weight
Solid
CDF1935SBK1
CDF1935SLG1
20U
35.00
24
CDF1942SBK1
CDF1942SLG1
24U
42.00
28
CDF1949SBK1
CDF1949SLG1
28U
49.00
33
CDF1956SBK1
CDF1956SLG1
32U
56.00
40
CDF1963SBK1
CDF1963SLG1
36U
63.00
45
CDF1970SBK1
CDF1970SLG1
40U
70.00
51
CDF1978SBK1
CDF1978SLG1
45U
78.75
57
CDF1985SBK1
CDF1985SLG1
49U
85.75
63
Louvered Door
CDF1935LBK1
CDF1935LLG1
20U
35.00
24
CDF1942LBK1
CDF1942LLG1
24U
42.00
28
CDF1949LBK1
CDF1949LLG1
28U
49.00
33
CDF1956LBK1
CDF1956LLG1
32U
56.00
40
CDF1963LBK1
CDF1963LLG1
36U
63.00
45
CDF1970LBK1
CDF1970LLG1
40U
70.00
51
CDF1978LBK1
CDF1978LLG1
45U
78.75
57
CDF1985LBK1
CDF1985LLG1
49U
85.75
63
Perforated Door
CDF1970VBK1
CDF1970VLG1
40U
70.00
50
CDF1978VBK1
CDF1978VLG1
45U
78.75
55
Window Door
C2DF1935PBK1
Not Available
20U
35.00
11
C2DF1942PBK1
Not Available
24U
42.00
17
C2DF1949PBK1
Not Available
28U
49.00
19
C2DF1956PBK1
Not Available
32U
56.00
24
C2DF1963PBK1
Not Available
36U
63.00
27
C2DF1970PBK1
Not Available
40U
70.00
30
C2DF1978PBK1
Not Available
45U
78.75
34
C2DF1985PBK1
Not Available
49U
85.75
38
Vented Acrylic Door
CDF1970VPBK1
CDF1970VPLG1
40U
70.00
30
CDF1978VPBK1
CDF1978VPLG1
45U
78.75
34
C2 Side Panels (Sold in Pairs)
Part No.
Part No.
Use with Cabinet Frame
Weight
Black
RAL 7035 Light Gray
Rack Units
Height
Depth
Part No.
(Per Pair)
CSP3523BK1
CSP3523LG1
20U
35.00
23.63
C2F193523
30
CSP4223BK1
CSP4223LG1
24U
42.00
23.63
C2F194223
38
CSP4923BK1
CSP4923LG1
28U
49.00
23.63
C2F194923
46
CSP5623BK1
CSP5623LG1
32U
56.00
23.63
C2F195623
54
CSP6323BK1
CSP6323LG1
36U
63.00
23.63
C2F196323
65
CSP7023BK1
CSP7023LG1
40U
70.00
23.63
C2F197023
70
CSP7823BK1
CSP7823LG1
45U
78.75
23.63
C2F197823
85
CSP8523BK1
CSP8523LG1
49U
85.75
23.63
C2F198523
90
CSP3531BK1
CSP3531LG1
20U
35.00
31.50
C2F193531
36
CSP4231BK1
CSP4231LG1
24U
42.00
31.50
C2F194231
44
CSP4931BK1
CSP4931LG1
28U
49.00
31.50
C2F194931
52
CSP5631BK1
CSP5631LG1
32U
56.00
31.50
C2F195631
68
CSP6331BK1
CSP6331LG1
36U
63.00
31.50
C2F196331
78
CSP7031BK1
CSP7031LG1
40U
70.00
31.50
C2F197031
90
CSP7831BK1
CSP7831LG1
45U
78.75
31.50
C2F197831
102
CSP8531BK1
CSP8531LG1
49U
85.75
31.50
C2F198531
108
CSP3536BK1
CSP3536LG1
20U
35.00
36.00
C2F193536
41
CSP4236BK1
CSP4236LG1
24U
42.00
36.00
C2F194236
49
CSP4936BK1
CSP4936LG1
28U
49.00
36.00
C2F194936
57



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com