Electronic Components Datasheet Search
  English  ▼

X  

08052C102FAT2A Datasheet(PDF) 21 Page - AVX Corporation

Part # 08052C102FAT2A
Description  Multilayer Ceramic Chip Capacitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052C102FAT2A Datasheet(HTML) 21 Page - AVX Corporation

Back Button 08052C102FAT2A Datasheet HTML 17Page - AVX Corporation 08052C102FAT2A Datasheet HTML 18Page - AVX Corporation 08052C102FAT2A Datasheet HTML 19Page - AVX Corporation 08052C102FAT2A Datasheet HTML 20Page - AVX Corporation 08052C102FAT2A Datasheet HTML 21Page - AVX Corporation 08052C102FAT2A Datasheet HTML 22Page - AVX Corporation 08052C102FAT2A Datasheet HTML 23Page - AVX Corporation 08052C102FAT2A Datasheet HTML 24Page - AVX Corporation 08052C102FAT2A Datasheet HTML 25Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
20
1808
AVX
Style
1206
1210
1808
1812
1825
2225
3640
A
Voltage
500V = 7
600V = C
1000V = A
1500V = S
2000V = G
2500V = W
3000V = H
4000V = J
5000V = K
A
Temperature
Coefficient
C0G = A
X7R = C
271
Capacitance
Code
(2 significant digits
+ no. of zeros)
Examples:
K
Capacitance
Tolerance
A
Failure
Rate
A=Not
applicable
1
Termination
1= Pd/Ag
T= Plated Ni
and Solder
1
Packaging
A
Special
Code
A = Standard
High Voltage Chips
For 500V to 5000V Applications
High value, low leakage and small size are difficult parame-
ters to obtain in capacitors for high voltage systems. AVX
special high voltage MLC chips capacitors meet these per-
formance characteristics and are designed for applications
such as snubbers in high frequency power converters, res-
onators in SMPS, and high voltage coupling/DC blocking.
These high voltage chip designs exhibit low ESRs at high
frequencies.
High voltage chips are typically larger than standard volt-
age rated chips. These larger sizes require that special
precautions be taken in applying these chips in surface
mount assemblies. This is due to differences in the coeffi-
cient of thermal expansion (CTE) between the substrate
materials and chip capacitors.
PART NUMBER (see page 3 for complete information and options)
10pF = 100
100pF = 101
1,000pF = 102
22,000pF = 223
220,000pF = 224
1µF = 105
C0G: J= ±5%
K= ±10%
M= ±20%
X7R: K= ±10%
M= ±20%
Z= +80%
- 20%
1 = 7" Reel
Embossed
Tape
3 = 13" Reel
Embossed
Tape
9 = Bulk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com