Electronic Components Datasheet Search
  English  ▼

X  

CDF1963LLG1 Datasheet(PDF) 4 Page - Hammond Manufacturing Ltd.

Part # CDF1963LLG1
Description  Modular Equipment Storage Rack Cabinet C2 Series 1,500 lbs Weight Capacity
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

CDF1963LLG1 Datasheet(HTML) 4 Page - Hammond Manufacturing Ltd.

  CDF1963LLG1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. CDF1963LLG1 Datasheet HTML 2Page - Hammond Manufacturing Ltd. CDF1963LLG1 Datasheet HTML 3Page - Hammond Manufacturing Ltd. CDF1963LLG1 Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data subject to change without notice.
CSP5636BK1
CSP5636LG1
32U
56.00
36.00
C2F195636
78
CSP6336BK1
CSP6336LG1
36U
63.00
36.00
C2F196336
88
CSP7036BK1
CSP7036LG1
40U
70.00
36.00
C2F197036
100
CSP7836BK1
CSP7836LG1
45U
78.75
36.00
C2F197836
110
CSP8536BK1
CSP8536LG1
49U
85.75
36.00
C2F198536
132
Part No.
Part No.
Use with Cabinet Frame
Weight
Black
RAL 7035 Light Gray
Rack Units
Height
Depth
Part No.
(Per Pair)
C2 Top Panels
Top Panel Type
Part No.
Part No.
Use with Cabinet
Black
RAL 7035 Light Gray
Depth
Solid Top
C2T1923SBK1
C2T1923SLG1
23.63
C2T1931SBK1
C2T1931SLG1
31.50
C2T1936SBK1
C2T1936SLG1
36.00
Vented Top
C2T1923VBK1
C2T1923VLG1
23.63
C2T1931VBK1
C2T1931VLG1
31.50
C2T1936VBK1
C2T1936VLG1
36.00
Vented Top
With 3x 3.5" Cable Entry Holes
C2T1923VCEBK1
C2T1923VCELG1
23.63
C2T1931VCEBK1
C2T1931VCELG1
31.50
C2T1936VCEBK1
C2T1936VCELG1
36.00
Raised Top
Allows passive cooling and
protects from falling debris
C2T1923RBK1
C2T1923RLG1
23.63
C2T1931RBK1
C2T1931RLG1
31.50
C2T1936RBK1
C2T1936RLG1
36.00
C2 Bottom Panels
Bottom
Part No.
Part No.
Use with Cabinet
Panel Type
Black
RAL 7035 Light Gray
Depth
Solid Bottom
C2BPS1923BK1
C2BPS1923LG1
23.63
C2BPS1931BK1
C2BPS1931LG1
31.50
C2BPS1931BK1
C2BPS1931LG1
36.00
Micro Cell
C2BPCE1923BK1
C2BPCE1923LG1
23.63
C2BPCE1931BK1
C2BPCE1931LG1
31.50
C2BPCE1931BK1
C2BPCE1931LG1
36.00
Note: The bottom panels for 31" and 36" deep frames are the same and this is why there is no 36" depth bottom panel.
Tags: Contempra II, Test Rack, Equipment Rack, Automotive Rack, Terminal Rack, Electronics
Rack, Instrument Cabinet, System Rack, Audio Rack, Radio Rack
© 2016. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com