Electronic Components Datasheet Search
  English  ▼

X  

B66008 Datasheet(PDF) 6 Page - EPCOS

Part # B66008
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66008 Datasheet(HTML) 6 Page - EPCOS

  B66008 Datasheet HTML 1Page - EPCOS B66008 Datasheet HTML 2Page - EPCOS B66008 Datasheet HTML 3Page - EPCOS B66008 Datasheet HTML 4Page - EPCOS B66008 Datasheet HTML 5Page - EPCOS B66008 Datasheet HTML 6Page - EPCOS B66008 Datasheet HTML 7Page - EPCOS B66008 Datasheet HTML 8Page - EPCOS B66008 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Ferrites and accessories
Symbols and terms
10/24
L/L
Relative inductance change
H
L0
Inductance of coil without core
H
LH
Main inductance
H
Lp
Parallel inductance
H
Lrev
Reversible inductance
H
Ls
Series inductance
H
Ie
Effective magnetic path length
mm
IN
Average length of turn
mm
N
Number of turns
PCu
Copper (winding) losses
W
Ptrans
Transferrable power
W
PV
Relative core losses
mW/g
PF
Performance factor
Q
Quality factor (Q =
L/Rs = 1/tanL)
R
Resistance
RCu
Copper (winding) resistance (f = 0)
Rh
Hysteresis loss resistance of a core
Rh
Rh change
Ri
Internal resistance
Rp
Parallel loss resistance of a core
Rs
Series loss resistance of a core
Rth
Thermal resistance
K/W
RV
Effective loss resistance of a core
s
Total air gap
mm
T
Temperature
°C
T
Temperature difference
K
TC
Curie temperature
°C
tTime
s
tv
Pulse duty factor
tan

Loss factor
tan
L
Loss factor of coil
tan
r
(Residual) loss factor at H
 0
tan
e
Relative loss factor
tan
h
Hysteresis loss factor
tan
i
Relative loss factor of material at H
 0
U
RMS value of voltage
V
Û
Peak value of voltage
V
Ve
Effective magnetic volume
mm3
Z
Complex impedance
Zn
Normalized impedance |Z|n = |Z| /N2   (le/Ae)
mm
Symbol
Meaning
Unit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com