Electronic Components Datasheet Search
  English  ▼

X  

B66242 Datasheet(PDF) 1 Page - EPCOS

Part # B66242
Description  Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66242 Datasheet(HTML) 1 Page - EPCOS

  B66242 Datasheet HTML 1Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
468
Siemens Matsushita Components
Coil former
Material:
GFR 6-polyamide (UL 94 HB, insulation class to IEC 60085:
B
max. operating temperature 130 ˚C), color code natural
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 ˚C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 ˚C, 3,5 s
Winding:
see page 159
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
1
177
87
17
10
B66242-J1000-R1
Hole arrangement
View in mounting direction
E 42/21/15
Accessories
B66242
Jump to succeding page


Similar Part No. - B66242

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66243 EPCOS-B66243 Datasheet
127Kb / 6P
Ferrites and accessories
logo
TDK Electronics
B66243 TDK-B66243 Datasheet
466Kb / 9P
Ferrites and accessories
logo
EPCOS
B66243-A1018-T1 EPCOS-B66243-A1018-T1 Datasheet
109Kb / 3P
E 42/21/20 Core
B66243A1018T001 EPCOS-B66243A1018T001 Datasheet
127Kb / 6P
Ferrites and accessories
B66243B1018T001 EPCOS-B66243B1018T001 Datasheet
466Kb / 12P
Ferrites and accessories
October 2022
More results

Similar Description - B66242

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
TDK Electronics
B65840H1106T001 TDK-B65840H1106T001 Datasheet
269Kb / 5P
Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com