Electronic Components Datasheet Search
  English  ▼

X  

B66305 Datasheet(PDF) 2 Page - EPCOS

Part # B66305
Description  Ferrites and accessories
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66305 Datasheet(HTML) 2 Page - EPCOS

  B66305 Datasheet HTML 1Page - EPCOS B66305 Datasheet HTML 2Page - EPCOS B66305 Datasheet HTML 3Page - EPCOS B66305 Datasheet HTML 4Page - EPCOS B66305 Datasheet HTML 5Page - EPCOS B66305 Datasheet HTML 6Page - EPCOS B66305 Datasheet HTML 7Page - EPCOS B66305 Datasheet HTML 8Page - EPCOS B66305 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
5/23
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 63093-8
For miniature transformers
Available with SMD coil former
E cores with high permeability for common-mode
chokes and broadband applications
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 2.39 mm–1
le
= 29.6 mm
Ae = 12.4 mm2
Amin = 12.2 mm2
Ve = 367 mm3
Approx. weight 2 g/set
Ungapped
Gapped (AL values/air gaps examples)
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0 mm)
and one gapped core (dimension g > 0 mm).
Other AL values/air gaps and materials available on request ─ see Processing remarks on page 8.
Material
AL value
nH
e
PV
W/set
Ordering code
N30
1000 +30/–20%
1900
B66305G0000X130
T65
1300
30%
2470
B66305G0000X165
T65
1900
30%
3610
B66305F0000X165
T46
3600
30%
6840
B66305F0000X146
N27
800 +30/–20%
1510
< 0.40 (200 mT, 100 kHz, 100 °C) B66305G0000X127
N87
850 +30/–20%
1620
< 0.25 (200 mT, 100 kHz, 100 °C) B66305G0000X187
Material
g
mm
AL value approx.
nH
e
Ordering code
N27
0.04
0.01
0.5
0.05
250
45
454
85
B66305G0040X127
B66305G0500X127
N87
0.04
0.01
0.13
0.02
0.30
0.02
280
112
64
530
215
122
B66305G0040X187
B66305G0130X187
B66305G0300X187
FEK0089-9
0.3
3.7 _
0.3
3.7 _
8.9+0.6
+0.5
0.4
12.6 _
B66305
Core
E 13/7/4 (EF 12.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com