Electronic Components Datasheet Search
  English  ▼

X  

B66319 Datasheet(PDF) 2 Page - EPCOS

Part # B66319
Description  Ferrites and accessories
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66319 Datasheet(HTML) 2 Page - EPCOS

  B66319 Datasheet HTML 1Page - EPCOS B66319 Datasheet HTML 2Page - EPCOS B66319 Datasheet HTML 3Page - EPCOS B66319 Datasheet HTML 4Page - EPCOS B66319 Datasheet HTML 5Page - EPCOS B66319 Datasheet HTML 6Page - EPCOS B66319 Datasheet HTML 7Page - EPCOS B66319 Datasheet HTML 8Page - EPCOS B66319 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 1.12 mm–1
le
= 67 mm
Ae = 60 mm2
Amin = 49 mm2
Ve = 4000 mm3
Approx. weight 22 g/set
Ungapped
Gapped (AL values/air gaps examples)
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0 mm)
and one gapped core (dimension g > 0 mm).
Other AL values/air gaps and materials available on request ─ see Processing remarks on page 6.
Material
AL value
nH
e
PV
W/set
Ordering code
N30
3100 +30/–20%
2760
B66319G0000X130
N27
1700 +30/–20%
1510
< 0.81 (200 mT, 25 kHz, 100 °C) B66319G0000X127
N87
1900 +30/–20%
1690
< 2.20 (200 mT, 100 kHz, 100 °C) B66319G0000X187
Material
g
mm
AL value
approx.
nH
e
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0.10
0.02
460
410
B66319G0100X1**
N87
0.18
0.02
300
265
B66319G0180X1**
0.34
0.02
195
175
B66319G0340X1**
0.50
0.05
145
130
B66319G0500X1**
1.00
0.05
90
80
B66319G1000X1**
B66319
Core
E 30/15/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com