Electronic Components Datasheet Search
  English  ▼

X  

B66329 Datasheet(PDF) 2 Page - EPCOS

Part # B66329
Description  Ferrites and accessories
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66329 Datasheet(HTML) 2 Page - EPCOS

  B66329 Datasheet HTML 1Page - EPCOS B66329 Datasheet HTML 2Page - EPCOS B66329 Datasheet HTML 3Page - EPCOS B66329 Datasheet HTML 4Page - EPCOS B66329 Datasheet HTML 5Page - EPCOS B66329 Datasheet HTML 6Page - EPCOS B66329 Datasheet HTML 7Page - EPCOS B66329 Datasheet HTML 8Page - EPCOS B66329 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 63093-8
Delivery mode: single units
Magnetic characteristics
(per set)
l/A = 0.41 mm–1
le
= 97 mm
Ae = 234 mm2
Amin = 229 mm2
Ve = 22700 mm3
Approx. weight 116 g/set
Ungapped
1) H = 250 A/m; f = 10 kHz; T = 100 °C
Gapped (AL values/air gaps examples)
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0 mm)
and one gapped core (dimension g > 0 mm).
Other AL values/air gaps and materials available on request – see Processing remarks on page 6.
Mate-
rial
AL value
nH
e
BS
mT
PV
W/set
Ordering code
N27
4750 +30/–20% 1560 3201) < 4.40 (200 mT, 25 kHz, 100 °C) B66329G0000X127
N87
5200 +30/–20% 1690 3201) < 12.00 (200 mT, 100 kHz, 100 °C) B66329G0000X187
N97
5400 +30/–20% 1780 3201) < 10.20 (200 mT, 100 kHz, 100 °C) B66329G0000X197
N95
6700 +30/–20% 2290 3201) < 12.60 (200 mT, 100 kHz, 25 °C)
< 11.50 (200 mT, 100 kHz, 100 °C)
B66329G0000X195
Material
g
mm
AL value
approx.
nH
e
Ordering code
** = 27 (N27)
= 87 (N87)
N27,
0.25
0.02
1029
338
B66329G0250X1**
N87
0.50
0.05
603
198
B66329G0500X1**
1.00
0.05
354
116
B66329G1000X1**
1.50
0.05
259
85
B66329G1500X1**
B66329
Core
E 42/21/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com