Electronic Components Datasheet Search
  English  ▼

X  

PISR Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PISR
Description  Selection Guide – Pan-Lug™ Mechanical Connectors, Split Bolts and Multi-Taps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PISR Datasheet(HTML) 1 Page - PANDUIT CORP.

  PISR Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
1. Select Split Bolt Style Desired
2. Determine Conductor Range and then Select Panduit Part Number
Tin Plated Copper
Split Bolt
Connectors – SBCT
For Use with
Combinations of
Copper and
Aluminum Conductors
Dual Rated Aluminum
Split Bolt
Connectors – SBA
For Use with
Aluminum and
Copper Conductor
Combinations
Copper Split Bolt
Connectors – SBC
For Use with
Copper Code
Conductors
^Long body accommodates two tap conductors with single run; not CSA Certified.
**The conductor sizes shown are for equal run and tap combinations
^Not CSA Certified.
Multi-Tap Connectors with Clear Insulation
For Use with Aluminum and Copper Code
Conductor Combinations
Selection Guide – Pan-Lug™ Mechanical Connectors, Split Bolts and Multi-Taps
D2.149 – D2.154
Panduit
Part Number
Conductor Size Range**
Panduit
Part Number
Copper Conductor Range**
Min.
Max.
Min.
Max.
SBC8-C
#10 STR
#8 STR
SBC1/0-L
#4 STR
1/0 STR
SBC8L-C^
#16 STR
#8 STR
SBC2/0-Q
#2 STR
2/0 STR
SBC6S-C
#8 STR
#6 STR
SBC3/0-Q
#1 STR
3/0 STR
SBC6SL-C^
#8 STR
#6 STR
SBC250-Q
#1 STR
250 kcmil
SBC4S-C
#8 STR
#6 STR
SBC350-1
2/0 STR
350 kcmil
SBC4SL-C^
#8 STR
#6 STR
SBC500-1
300 kcmil
500 kcmil
SBC3-C
#8 STR
#4 STR
SBC750-1
350 kcmil
750 kcmil
SBC2-C
#6 STR
#2 STR
SBC1000-1
500 kcmil
1000 kcmil
SBC2L-C^
#14 STR
#2 STR
Type
Description
No. of Ports
Copper or Aluminum Code
Conductor Range
PCSB
Double-sided wire entry
2 to 14
14 AWG Solid to 750 kcmil
PCSB-S
Single-sided wire entry
2 to 14
14 AWG Solid to 750 kcmil
PISR
In-Line Splice/Reducer
2
14 AWG Stranded to 500 kcmil
PCSBMT
Double-sided wire entry mountable
4 to 12
14 AWG Solid to 600 kcmil
PSCBMT-S
Single-sided wire entry mountable
4 to 12
14 AWG Solid to 600 kcmil
Panduit
Part Number
Copper and Aluminum Conductor Range
Range of Equal Run and Tap
Min. Tap with
One Max. Run
Min.
Max.
SBCT8-C
#8 STR
#6 SOL
#14 STR
SBCT6-C
#6 STR
#10 STR
#10 STR
SBCT3-C
#8 STR
#4 STR
#10 STR
SBCT2-C
#6 STR
#2 STR
#14 STR
SBCT1/0-L
#4 STR
1/0 STR
#10 STR
SBCT2/0-Q
#2 STR
2/0 STR
#8 STR
Copper Conductor Range
SBCT10-C
#16 STR
#10 STR
#16 STR
SBCT3/0-Q
#1 STR
3/0 STR
#8 STR
SBCT250-Q
#1 STR
250 kcmil
#8 STR
SBCT350-1
2/0 STR
350 kcmil
1/0 STR
SBCT500-1
300 kcmil
500 kcmil
2/0 STR
SBCT750-1
2/0 STR
750 kcmil
2/0 STR
SBCT1000-1
4/0 STR
1000 kcmil
4/0 STR
Panduit
Part Number
Aluminum to Aluminum, Aluminum to Copper, Copper to Copper Conductors
Max. Run to Max. Tap
Min. Run to Min. Tap
Max. Run to Min. Tap
SBA6-C
#6 STR – #6 STR
#10 SOL – #10 SOL
#6 STR – #10 SOL
SBA4-C
#4 STR – #4 STR
#8 SOL – #10 SOL
#4 STR – #10 SOL
SBA2-C
#2 STR – #2 STR
#6 SOL – #8 STR
#2 STR – #8 STR
SBA1/0-Q
1/0 STR – 1/0 STR
#2 STR (Compact) – #8 SOL
1/0 STR – #8 SOL
SBA2/0-Q
2/0 STR – 2/0 STR
#2 STR (Compact) – #8 STR
2/0 STR – #8 STR
SBA4/0-Q
4/0 STR – 4/0 STR
#2 STR (Compact) – #6 STR
4/0 STR – #6 STR
SBA350-1^
350 kcmil – 350 kcmil
1/0 STR (Compact) – #4 STR
350 kcmil – #4 STR
SBA500-1^
500 kcmil – 500 kcmil
400 kcmil (Compact) – #2 STR
(Compact)
500 kcmil – #2 STR
(Compact)


Similar Part No. - PISR

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PISR PANDUIT-PISR Datasheet
74Kb / 1P
In-Line Splicer/Reducer with Clear Insulation
PISR1/0-1 PANDUIT-PISR1/0-1 Datasheet
74Kb / 1P
In-Line Splicer/Reducer with Clear Insulation
PISR1/0-1. PANDUIT-PISR1/0-1. Datasheet
74Kb / 1P
In-Line Splicer/Reducer with Clear Insulation
PISR2-1 PANDUIT-PISR2-1 Datasheet
74Kb / 1P
In-Line Splicer/Reducer with Clear Insulation
PISR250-1 PANDUIT-PISR250-1 Datasheet
74Kb / 1P
In-Line Splicer/Reducer with Clear Insulation
More results

Similar Description - PISR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
Selection Guide and Product Data
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
Master Selection Guide
logo
Tyco Electronics
99334 MACOM-99334 Datasheet
396Kb / 12P
miniSMD Selection Guide and Product Data
logo
PANDUIT CORP.
CT-1014 PANDUIT-CT-1014 Datasheet
1Mb / 2P
Easy Selection Guide for Pan-Term Terminals
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
selection guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
Selection Guide
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
Device Selection Guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
Adhesives Selection Guide
2018
logo
HARTING Technology Grou...
M23-CIRCULAR HARTING-M23-CIRCULAR Datasheet
1Mb / 14P
M23 Circular Connectors Selection Guide
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com